Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN22-1500H Datasheet(PDF) 1 Page - STMicroelectronics

Part # TN22-1500H
Description  STARTLIGHT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN22-1500H Datasheet(HTML) 1 Page - STMicroelectronics

  TN22-1500H Datasheet HTML 1Page - STMicroelectronics TN22-1500H Datasheet HTML 2Page - STMicroelectronics TN22-1500H Datasheet HTML 3Page - STMicroelectronics TN22-1500H Datasheet HTML 4Page - STMicroelectronics TN22-1500H Datasheet HTML 5Page - STMicroelectronics TN22-1500H Datasheet HTML 6Page - STMicroelectronics TN22-1500H Datasheet HTML 7Page - STMicroelectronics TN22-1500H Datasheet HTML 8Page - STMicroelectronics TN22-1500H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
®
1/9
TN22
STARTLIGHT
Table 1: Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak off-state voltage
Tj = 110°C
400
V
IT(RMS)
RMS on-state current
Full sine ware (180° conduction angle)
Tc = 95°C
2
A
IT(AV)
Mean on-state current
Full sinewave (180° conduction angle)
Tc = 95°C
1.8
A
ITSM
Non repetitive surge peak on-state current
(Tj initial = 25°C)
tp = 8.3ms
22
A
tp = 10ms
20
I
2
t
I2t Value for fusing
tp = 10ms
2
A2s
dl/dt
Critical rate of rise of on-state current
IG =5mA dIG /dt = 70 mA/µs.
50
A/µs
Tstg
Tj
Storage and operating junction temperature range
-40 to +150
-40 to +110
°C
TI
Maximum lead temperature for soldering during 10s at
4.5mm from case
260
°C
TAB
2
1
3
DPAK
(TN22-B)
TAB
2
1
3
IPAK
(TN22-H)
TAB
2
1
3
TO-22AB
(TN22-T)
2, TAB
1
3
September 2005
REV. 2
FEATURES AND BENEFITS
High clamping voltage structure (1200 -1500V)
Low gate triggering current for direct drive from
line (< 1.5mA)
High holding current (> 175mA), ensuring high
striking energy.
DESCRIPTION
The TN22 has been specifically developed for use
in electronic starter circuits. Use in conjunction
with a sensitive SCR and a resistor, it provides
high energy striking characteristics with low trig-
gering power. Thanks to its electronic concept, this
TN22 based starter offers high reliability levels and
extended life time of the fluorescent tubelamps.


Similar Part No. - TN22-1500H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN22-1500H STMICROELECTRONICS-TN22-1500H Datasheet
158Kb / 7P
   STARTLIGHT(Application Specific Discretes A.S.D.??
More results

Similar Description - TN22-1500H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN22 STMICROELECTRONICS-TN22 Datasheet
158Kb / 7P
   STARTLIGHT(Application Specific Discretes A.S.D.??
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com