Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2839 Datasheet(PDF) 6 Page - Harris Corporation

Part # HA-2839
Description  600MHz, Very High Slew Rate Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HA-2839 Datasheet(HTML) 6 Page - Harris Corporation

  HA-2839 Datasheet HTML 1Page - Harris Corporation HA-2839 Datasheet HTML 2Page - Harris Corporation HA-2839 Datasheet HTML 3Page - Harris Corporation HA-2839 Datasheet HTML 4Page - Harris Corporation HA-2839 Datasheet HTML 5Page - Harris Corporation HA-2839 Datasheet HTML 6Page - Harris Corporation HA-2839 Datasheet HTML 7Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3-6
FIGURE 11. POSITIVE OUTPUT SWING vs TEMPERATURE
FIGURE 12. NEGATIVE OUTPUT SWING vs TEMPERATURE
FIGURE 13. MAXIMUM UNDISTORTED OUTPUT SWING vs
FREQUENCY
FIGURE 14. TOTAL HARMONIC DISTORTION vs FREQUENCY
FIGURE 15. INTERMODULATION DISTORTION vs FREQUENCY (TWO TONE)
Typical Performance Curves TA = 25oC, VSUPPLY = ±15V, RL = 1kΩ, CL < 10pF, Unless Otherwise Specified (Continued)
15
10
5
2.5
-60
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (oC)
±15V, 1kΩ
12.5
7.5
0
±15V, 150Ω
±15V, 75Ω
±8V, 1kΩ
±8V, 150Ω
±8V, 75Ω
-12.5
-10
-7.5
-5
-2.5
-60
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (oC)
±8V, 75Ω
±8V, 150Ω
±8V, 1kΩ
±15V, 75Ω
±15V, 150Ω
±15V, 1kΩ
1K
10K
100K
1M
10M
100M
FREQUENCY (Hz)
25
20
15
10
5
0
VSUPPLY = ±8V
VSUPPLY = ±15V
100K
1M
10M
FREQUENCY (Hz)
-85
-75
-65
-55
-45
-35
VO = 10VP-P
VO = 0.5VP-P
VO = 1VP-P
VO = 2VP-P
-95
-85
-75
-65
-55
-45
-35
500K
1M
10M
FREQUENCY (Hz)
VO = 5VP-P
VO = 0.5VP-P
VO = 0.25VP-P
VO = 2VP-P
VO = 1VP-P
HA-2839


Similar Part No. - HA-2839

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
134Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
July 1994
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2839/883 INTERSIL-HA-2839/883 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
More results

Similar Description - HA-2839

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HA2840 HARRIS-HA2840 Datasheet
142Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA-2539 INTERSIL-HA-2539_03 Datasheet
518Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2539 INTERSIL-HA-2539 Datasheet
613Kb / 8P
   600MHz, Very High Slew Rate Operational Amplifier
September 1998
HA-2840 INTERSIL-HA-2840_98 Datasheet
248Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Renesas Technology Corp
HA-2539 RENESAS-HA-2539 Datasheet
678Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
134Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
July 1994
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com