Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2840 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA-2840
Description  600MHz, Very High Slew Rate Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2840 Datasheet(HTML) 1 Page - Intersil Corporation

  HA-2840_98 Datasheet HTML 1Page - Intersil Corporation HA-2840_98 Datasheet HTML 2Page - Intersil Corporation HA-2840_98 Datasheet HTML 3Page - Intersil Corporation HA-2840_98 Datasheet HTML 4Page - Intersil Corporation HA-2840_98 Datasheet HTML 5Page - Intersil Corporation HA-2840_98 Datasheet HTML 6Page - Intersil Corporation HA-2840_98 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
HA-2840
600MHz, Very High Slew Rate
Operational Amplifier
The HA-2840 is a wideband, very high slew rate, operational
amplifier featuring superior speed and bandwidth
characteristics. Bipolar construction, coupled with dielectric
isolation, delivers outstanding performance in circuits with a
closed loop gain of 10 or greater.
A 625V/
µs slew rate and a 600MHz gain bandwidth product
ensure high performance in video and RF amplifier designs.
Differential gain and phase are a low 0.03% and 0.03
degrees respectively, making the HA-2840 ideal for video
applications. A full
±10V output swing, high open loop gain,
and outstanding AC parameters, make the HA-2840 an
excellent choice for high speed Data Acquisition Systems.
The HA-2840 is available in commercial and industrial
temperature ranges, and a choice of packages. See the
“Ordering Information” below for more information. For
military grade product, refer to the HA-2840/883 data sheet.
Features
• Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . 13mA
• Very High Slew Rate . . . . . . . . . . . . . . . . . . . . . . 625V/
µs
• Open Loop Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 25kV/V
• Wide Gain-Bandwidth (AV ≥ 10). . . . . . . . . . . . . . 600MHz
• Full Power Bandwidth . . . . . . . . . . . . . . . . . . . . . . 10MHz
• Low Offset Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . 0.6mV
• Differential Gain/Phase . . . . . . . . . . 0.03%/0.03 Degrees
• Enhanced Replacement for EL2039
Applications
• Pulse and Video Amplifiers
• Wideband Amplifiers
• High Speed Sample-Hold Circuits
• RF Oscillators
Pinouts
HA-2840
(CERDIP, PDIP, SOIC)
TOP VIEW
HA-2840
(PDIP)
TOP VIEW
NOTE: No Connection (NC) pins may be tied to a ground plane for
better isolation and heat dissipation.
Part Number Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA3B2840-5
0 to 75
14 Ld PDIP
E14.3
HA3-2840-5
0 to 75
8 Ld PDIP
E8.3
HA9P2840-5
(H28405)
0 to 75
8 Ld SOIC
M8.15
HA3B2840-9
-40 to 85
14 Ld PDIP
E14.3
HA7-2840-9
-40 to 85
8 Ld CERDIP
F8.3A
HA3-2840-9
-40 to 85
8 Ld PDIP
E8.3
NC
-IN
+IN
V-
1
2
3
4
8
7
6
5
NC
V+
OUT
NC
NC
NC
NC
-IN
+IN
V-
NC
NC
NC
NC
V+
OUT
NC
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
September 1998
File Number
2842.3
OBS
OLE
TE P
ROD
UCT
See
HA-2
540
or H
A-28
50
cont
act T
echn
ical
Sup
port
Cen
ter a
t
1-88
8-IN
TER
SIL o
r ww
w.in
tersi
l.com
/tsc


Similar Part No. - HA-2840_98

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2840/883 INTERSIL-HA-2840/883 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA-2840883 INTERSIL-HA-2840883 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
More results

Similar Description - HA-2840_98

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HA2840 HARRIS-HA2840 Datasheet
142Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2839 HARRIS-HA-2839 Datasheet
140Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA-2539 INTERSIL-HA-2539_03 Datasheet
518Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2539 INTERSIL-HA-2539 Datasheet
613Kb / 8P
   600MHz, Very High Slew Rate Operational Amplifier
September 1998
logo
Renesas Technology Corp
HA-2539 RENESAS-HA-2539 Datasheet
678Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
134Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
July 1994
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com