Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL8013 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL8013
Description  1MHz, Four Quadrant Analog Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8013 Datasheet(HTML) 1 Page - Intersil Corporation

  ICL8013_00 Datasheet HTML 1Page - Intersil Corporation ICL8013_00 Datasheet HTML 2Page - Intersil Corporation ICL8013_00 Datasheet HTML 3Page - Intersil Corporation ICL8013_00 Datasheet HTML 4Page - Intersil Corporation ICL8013_00 Datasheet HTML 5Page - Intersil Corporation ICL8013_00 Datasheet HTML 6Page - Intersil Corporation ICL8013_00 Datasheet HTML 7Page - Intersil Corporation ICL8013_00 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
File Number 2863.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
ICL8013
1MHz, Four Quadrant Analog Multiplier
The ICL8013 is a four quadrant analog multiplier whose
output is proportional to the algebraic product of two input
signals. Feedback around an internal op amp provides level
shifting and can be used to generate division and square
root functions. A simple arrangement of potentiometers may
be used to trim gain accuracy, offset voltage and
feedthrough performance. The high accuracy, wide
bandwidth, and increased versatility of the ICL8013 make it
ideal for all multiplier applications in control and
instrumentation systems. Applications include RMS
measuring equipment, frequency doublers, balanced
modulators and demodulators, function generators, and
voltage controlled amplifiers.
Features
• Accuracy . . . . . . . . . . . . . . . . . . . . . . .
±1% (“B” Version)
• Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . .
±10V
• Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1MHz
• Uses Standard
±15V Supplies
• Built-In Op Amp Provides Level Shifting, Division and
Square Root Functions
Pinout
ICL8013
(METAL CAN)
TOP VIEW
Functional Diagram
Part Number Information
PART
NUMBER
MULTIPLI-
CATION
ERROR
(MAX)
TEMP.
RANGE (oC)
PKG
PKG.
NO.
ICL8013BCTX
±1%
0 to 70
10 Pin
Metal Can
T10.B
ICL8013CCTX
±2%
0 to 70
10 Pin
Metal Can
T10.B
YOS
GND
V-
OUTPUT
V+ 2
5
1
3
10
4
8
9
7
6
ZOS
XOS
XIN
ZIN
YIN
VOLTAGE TO CURRENT
CONVERTER AND
SIGNAL COMPRESSION
BALANCED
VARIABLE GAIN
AMPLIFIER
OP
AMP
OUT
VOLTAGE TO CURRENT
CONVERTER
ZOS
ZIN
YOS
YIN
XIN
XOS
ZIN
Data Sheet
November 2000
FOR
A PO
SSIB
LE S
UBST
ITUT
E PR
ODU
CT
ccnta
ct ou
r Tec
hnica
l Sup
port
Cent
er at
1-888
-INTE
RSIL
or ww
w.int
ersil.
com/
tsc
OBSO
LETE
PROD
UCT


Similar Part No. - ICL8013_00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8013BCTX INTERSIL-ICL8013BCTX Datasheet
132Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
ICL8013CCTX INTERSIL-ICL8013CCTX Datasheet
132Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
More results

Similar Description - ICL8013_00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8013 INTERSIL-ICL8013 Datasheet
132Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Intersil Corporation
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com