Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF1221 Datasheet(PDF) 6 Page - Texas Instruments

Part # TRF1221
Description  Dual VCO/PLL Synthesizer With IF Up-Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1221 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRF1221 Datasheet HTML 2Page - Texas Instruments TRF1221 Datasheet HTML 3Page - Texas Instruments TRF1221 Datasheet HTML 4Page - Texas Instruments TRF1221 Datasheet HTML 5Page - Texas Instruments TRF1221 Datasheet HTML 6Page - Texas Instruments TRF1221 Datasheet HTML 7Page - Texas Instruments TRF1221 Datasheet HTML 8Page - Texas Instruments TRF1221 Datasheet HTML 9Page - Texas Instruments TRF1221 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.ti.com
INPUT REFERENCE REQUIREMENTS
AC TIMING, SERIAL BUS INTERFACE
DIGITAL INTERFACE CHARACTERISTICS
AUXILIARY AND CONTROL
TRF1121
TRF1221
SLWS170A – APRIL 2005 – REVISED DECEMBER 2005
Conditions: Signal BW = 6 MHz nom, 15 dB maximum loss IF2 SAW filter. See Figure 19
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fRef
Reference frequency
18
MHz
Temperature stability
Customer requirements
PPM
VFR
Ref. source input voltage(1)
HCMOS Output
4
4.5
5
Vpp
DCfref
Reference Input Symmetry
Waveform Duty Cycle
40%
60%
tFR
Reference source pulse rise time
10% to 90% of maximum voltage transition
1
4
nsec
fFR
Reference Phase Noise at 10 k
Ω offset
–153
–150
dBc/Hz
(1)
Note that for source peak-to-peak voltages of less than 4 V and dc-component other than 2.5-V degradation of the close-in phase noise
may occur. For oscillators with no dc-component, a dc-voltage may be applied using a voltage divider (see the schematic) .
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CDI
Clock to data invalid
See Figure 7
10
ns
DVC
Data valid to clock
See Figure 7
10
ns
CPWH
Clock pulse width high
See Figure 7
50
ns
CPWL
Clock pulse width low
See Figure 7
50
ns
CEL
Clock to enable low
See Figure 7
10
ns
ELC
Enable low to clock
See Figure 7
10
ns
EPWH
Enable pulse width
See Figure 7
10
ns
Conditions: Signal BW = 6 MHz nom, 15 dB maximum loss IF2 SAW filter. See Figure 19
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input high voltage
2.1
5
V
VIL
Input low voltage
0
0.8
V
IIH
Input high current
0
50
µA
IIL
Input low current
0
–50
µA
CI
Input capacitance
3
pF
VOH
Output logic 1 voltage
0 to 100-
µA load
2.4
3.6
V
ROH
Output logic 1 impedance
18
k
VOL
Output low voltage
0 to –100-
µA load
0
0.4
V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V VCOenb
External VCO enable voltage
CMOS compatible Input. See Table 9
V
VLD1
Lock detect voltage (PLL1)
CMOS compatible output (active high). See Table 9
V
VLD2
Lock Detect Voltage (PLL2)
CMOS compatible output (active high). See Table 9
V
IF Output On
High
TXON
IF Amp Enable
IF Output Off
Low
EXTLO2IP
High
On-chip VCO2A selection
Logic level applied to EXTLOIP and EXTLOIN pins to
EXTLO2IN
Low
select either on chip VCO 2A or 2B. Pullup resistor = 200
EXTLO2IP
Low
and pulldown resistor = 1 k
Ω.
On-chip VCO2B selection
EXTLO2IN
High
EXTLO2IP
Low
Logic Level applied to EXTLOIP and EXTLOIN pins to
On-chip VCO2 selection
select the external VCO2 input
EXTLO2IN
Low
6


Similar Part No. - TRF1221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1221 TI-TRF1221 Datasheet
1Mb / 26P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
More results

Similar Description - TRF1221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1121 TI-TRF1121 Datasheet
1Mb / 26P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
TRF1112 TI-TRF1112_07 Datasheet
1Mb / 25P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Down-Conversion
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
ACS1790T SEMTECH-ACS1790T Datasheet
1Mb / 48P
   PLL Frequency Synthesizer with Integrated VCO
logo
Infineon Technologies A...
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
   Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
Asahi Kasei Microsystem...
AK1575 AKM-AK1575 Datasheet
1Mb / 35P
   Up Converter Mixer with Fractional-N Frequency Synthesizer and VCO
logo
Fujitsu Component Limit...
MB15C100 FUJITSU-MB15C100 Datasheet
285Kb / 28P
   IF Band PLL Frequency Synthesizer
MB15C103 FUJITSU-MB15C103 Datasheet
150Kb / 16P
   IF Band PLL Frequency Synthesizer
MB15C101 FUJITSU-MB15C101 Datasheet
151Kb / 17P
   IF Band PLL Frequency Synthesizer
logo
Infineon Technologies A...
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
   RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com