Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF1216 Datasheet(PDF) 3 Page - Texas Instruments

Part # TRF1216
Description  3.5-GHz, HIGH DYNAMIC RANGE, LOW-NOISE DOWN-CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1216 Datasheet(HTML) 3 Page - Texas Instruments

  TRF1216_07 Datasheet HTML 1Page - Texas Instruments TRF1216_07 Datasheet HTML 2Page - Texas Instruments TRF1216_07 Datasheet HTML 3Page - Texas Instruments TRF1216_07 Datasheet HTML 4Page - Texas Instruments TRF1216_07 Datasheet HTML 5Page - Texas Instruments TRF1216_07 Datasheet HTML 6Page - Texas Instruments TRF1216_07 Datasheet HTML 7Page - Texas Instruments TRF1216_07 Datasheet HTML 8Page - Texas Instruments TRF1216_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
TRF1216
SLWS172A – APRIL 2005 – REVISED DECEMBER 2005
VALUES
UNIT
VDD
DC supply voltage, VDD
0 to 5.5
V
PIN
RF input power
10
dBm
TJ
Junction temperature
200
°C
PD
Power dissipation
1100
mW
VD
Digital input voltage
–0.3 to 5.5
V
VA
Analog input voltage
–0.3 to 5
V
θ
JC
Thermal resistance junction-to-case(1)
9.1
°C/W
Tstg
Storage temperature
–40 to 105
°C
Top
Operating temperature
–40 to 85
°C
Lead temperature (40 Sec Max)
260
°C
(1)
Thermal resistance is junction to ambient assuming thermal pad with nine thermal vias under package metal base. See the
recommended PCB layout.
The characteristics listed in the following tables are at V
CC = 5 V, TA = 25°C unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
VDD
Supply voltage
5
5.5
V
IDD
Total supply current
175
200
mA
I LNA1
LNA1 supply current
Pin 2 (VDD1)
35
mA
I LNA2
LNA2 supply current
Pin 20 (VDD2)
35
mA
IIF
IF AMP supply current
Pin 12 (VDDIF) plus IF drain bias on pins 13
55
mA
and 14 (IFOP, IFON)
ILO
LO supply current
Pin 10 (VDDLO)
50
mA
VAGC
Gain control voltage
0
2
V
IAGC
Gain control current
0
100
µA
VIH
Input high voltage
2.5
5
V
VIL
Input low voltage
0
0.8
V
IIH
Input high current
300
µA
IIL
Input low current
–50
µA
3


Similar Part No. - TRF1216_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1216 TI-TRF1216 Datasheet
138Kb / 2P
[Old version datasheet]   3.5-GHz, High Dynamic Range, Low-Noise Down-Converter
More results

Similar Description - TRF1216_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1216 TI-TRF1216 Datasheet
138Kb / 2P
[Old version datasheet]   3.5-GHz, High Dynamic Range, Low-Noise Down-Converter
TRF1115 TI-TRF1115 Datasheet
392Kb / 11P
[Old version datasheet]   2.5-GHz, High Dynamic Range, Low-Noise Down-Converter
logo
Tyco Electronics
AM50-0003V4 MACOM-AM50-0003V4 Datasheet
239Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
AM50-0004V6 MACOM-AM50-0004V6 Datasheet
256Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091_15 Datasheet
775Kb / 6P
   High Dynamic Range Low Noise Amplifier
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624 Datasheet
166Kb / 4P
   High Dynamic Range Low Noise Amplifier
MAAL-008624 MA-COM-MAAL-008624_15 Datasheet
769Kb / 5P
   High Dynamic Range Low Noise Amplifier
MAAMSS0045 MA-COM-MAAMSS0045_15 Datasheet
876Kb / 7P
   High Dynamic Range Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com