Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF1122IRTMRG3 Datasheet(PDF) 2 Page - Texas Instruments

Part # TRF1122IRTMRG3
Description  2.5-GHz Integrated Up-Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1122IRTMRG3 Datasheet(HTML) 2 Page - Texas Instruments

  TRF1122IRTMRG3 Datasheet HTML 1Page - Texas Instruments TRF1122IRTMRG3 Datasheet HTML 2Page - Texas Instruments TRF1122IRTMRG3 Datasheet HTML 3Page - Texas Instruments TRF1122IRTMRG3 Datasheet HTML 4Page - Texas Instruments TRF1122IRTMRG3 Datasheet HTML 5Page - Texas Instruments TRF1122IRTMRG3 Datasheet HTML 6Page - Texas Instruments TRF1122IRTMRG3 Datasheet HTML 7Page - Texas Instruments TRF1122IRTMRG3 Datasheet HTML 8Page - Texas Instruments TRF1122IRTMRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DC SPECIFICATIONS
TRF1122
SLWS173B – APRIL 2005 – REVISED SEPTEMBER 2006
VALUE
UNIT
VDD
Positive DC Supply Voltage, VDD
0.0 to +5.50
V
–VDD
Negative DC Supply Voltage, –VDD
–5.5 to 0
V
Pin
RF Input Power
10
dBm
TJ
Junction Temperature
200
°C
Pd
Power Dissipation
1
W
Digital Input Pins
–0.3 to 5.5
V
θ
JC
Thermal Resistance Junction to Case(1)
9.01
°C/W
Tstg
Storage Temperature
–40 to 105
°C
Top
Operating Temperature
–40 to 85
°C
Lead Temperature
260
°C
(1)
Thermal resistance is junction to ambient assuming thermal pad with 16 thermal vias under package metal base. See Recommended
PCB layout.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Positive Supply Voltage
4.75
5
5.25
V
IDD
Positive Supply Current (Total)
170
185
mA
VNEG
Negative Supply Voltage
–5.25
–5
–4.75
V
INEG
Negative Supply Current
-6
3
6
mA
IVDD2
Supply Current RF 2, pin 2
48
mA
ILO
Supply Current, LO, pin 14
50
mA
IIF
Supply Current, IF
Pins 17, 18, and 26 combined.
44
mA
IVDD1
Supply Current RF1, pin 31
28
VIH
Input High Voltage
2.5
5
V
VIL
Input Low Voltage
0.8
V
IIH
Input High Current
300
µA
IIL
Input Low Current
-50
µA
2
Submit Documentation Feedback


Similar Part No. - TRF1122IRTMRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1122 TI-TRF1122 Datasheet
59Kb / 2P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
More results

Similar Description - TRF1122IRTMRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1122 TI-TRF1122 Datasheet
59Kb / 2P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
logo
TEMIC Semiconductors
U2891B TEMIC-U2891B Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
logo
Texas Instruments
TRF1222 TI-TRF1222 Datasheet
455Kb / 12P
[Old version datasheet]   3.5-GHz Integrated Up-Converter
logo
Hittite Microwave Corpo...
HMC113 HITTITE-HMC113 Datasheet
94Kb / 1P
   GaAs MMIC 2.5 TO 6 GHz UP - CONVERTER
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
California Eastern Labs
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
   SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
Mimix Broadband
XU1012-QH MIMIX-XU1012-QH Datasheet
875Kb / 7P
   5.6-10.5 GHz Up-Converter
logo
M/A-COM Technology Solu...
MAUC-010506 MA-COM-MAUC-010506 Datasheet
866Kb / 7P
   Up Converter 17.68 - 23.62 GHz
logo
Mimix Broadband
XU1014-QH MIMIX-XU1014-QH_09 Datasheet
1Mb / 7P
   8.0-18.0 GHz Up-Converter
XU1019-QH_1003 MIMIX-XU1019-QH_1003 Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com