Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF1122IRTMT Datasheet(PDF) 7 Page - Texas Instruments

Part # TRF1122IRTMT
Description  2.5-GHz Integrated Up-Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1122IRTMT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRF1122IRTMT Datasheet HTML 2Page - Texas Instruments TRF1122IRTMT Datasheet HTML 3Page - Texas Instruments TRF1122IRTMT Datasheet HTML 4Page - Texas Instruments TRF1122IRTMT Datasheet HTML 5Page - Texas Instruments TRF1122IRTMT Datasheet HTML 6Page - Texas Instruments TRF1122IRTMT Datasheet HTML 7Page - Texas Instruments TRF1122IRTMT Datasheet HTML 8Page - Texas Instruments TRF1122IRTMT Datasheet HTML 9Page - Texas Instruments TRF1122IRTMT Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.ti.com
APPLICATION INFORMATION
TRF1122
SLWS173B – APRIL 2005 – REVISED SEPTEMBER 2006
Figure 3. Package Outline: 5 mm x 5 mm LPCC 32-Pin Leadless Package
7
Submit Documentation Feedback


Similar Part No. - TRF1122IRTMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1122 TI-TRF1122 Datasheet
59Kb / 2P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
More results

Similar Description - TRF1122IRTMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1122 TI-TRF1122 Datasheet
59Kb / 2P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
logo
TEMIC Semiconductors
U2891B TEMIC-U2891B Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
logo
Texas Instruments
TRF1222 TI-TRF1222 Datasheet
455Kb / 12P
[Old version datasheet]   3.5-GHz Integrated Up-Converter
logo
Hittite Microwave Corpo...
HMC113 HITTITE-HMC113 Datasheet
94Kb / 1P
   GaAs MMIC 2.5 TO 6 GHz UP - CONVERTER
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
California Eastern Labs
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
   SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
Mimix Broadband
XU1012-QH MIMIX-XU1012-QH Datasheet
875Kb / 7P
   5.6-10.5 GHz Up-Converter
logo
M/A-COM Technology Solu...
MAUC-010506 MA-COM-MAUC-010506 Datasheet
866Kb / 7P
   Up Converter 17.68 - 23.62 GHz
logo
Mimix Broadband
XU1014-QH MIMIX-XU1014-QH_09 Datasheet
1Mb / 7P
   8.0-18.0 GHz Up-Converter
XU1019-QH_1003 MIMIX-XU1019-QH_1003 Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com