Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF2432 Datasheet(PDF) 5 Page - Texas Instruments

Part # TRF2432
Description  Dual-Band IQ/IF TRANSCEIVER WITH DUAL VCO SYNTHESIZERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2432 Datasheet(HTML) 5 Page - Texas Instruments

  TRF2432 Datasheet HTML 1Page - Texas Instruments TRF2432 Datasheet HTML 2Page - Texas Instruments TRF2432 Datasheet HTML 3Page - Texas Instruments TRF2432 Datasheet HTML 4Page - Texas Instruments TRF2432 Datasheet HTML 5Page - Texas Instruments TRF2432 Datasheet HTML 6Page - Texas Instruments TRF2432 Datasheet HTML 7Page - Texas Instruments TRF2432 Datasheet HTML 8Page - Texas Instruments TRF2432 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
RECEIVER CHARACTERISTICS
TRF2432
SLWS177B – APRIL 2005 – REVISED NOVEMBER 2006
DC CHARACTERISTICS (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC current, V+CP
V+TR - 0.6V < V+CP < V+TR +
Standby
0
0.6V
Idle
0.6
Tx
0.6
Rx
0.6
DC current, V+D
V+TR - 0.6V < V+D < V+TR +
Standby
8.5
0.6V
Idle
50/30
Tx
50/30
Rx
50/30
DC current, V+CLK
V+TR - 0.6V < V+CLK < V+TR +
Standby
4
0.6V
Idle
4
Tx
4
Rx
4
DC current, V+IFLO
0 < V+IFLO < V+TR + 0.6V
Standby
0
Idle
0
Tx
8.5
Rx
8.5
DC current, V+TR
3.6 V max
Standby
0.35
Idle
0.35
Tx
33/21
Rx
20
T
A = 25°C and VCC = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIF
IF input frequency
374
MHz
Voltage gain
Gain control < 0.3 V
62
71
dB
Analog Gain Control Range
VAGC from .3 to 2.2V
55
dB
Gain Control Sensitivity
Monotonic.
-40
-50
dB/V
Gain Control Linearity
From linear
±3
Gain settling time
Full range to within 0.5dB final gain
0.25
µs
setting
Output P-1dB
-7
dBm
Output 3rd order intercept point
4.8
Vppd
Noise figure
From Full Gain to 40dB gain. Not to
7
dB
increase more than 1dB per 1dB of
gain change thereafter.
IQ differential impedance
I, Q outputs (0-11MHz)
100
Output load impedance
Single ended
2||10
k
Ω||pF
Output swing
1000
mVpd
Input return loss
Measured into 200-
Ω differential
9
dB
Output common mode voltage
Adjustable by one resistor to
0.6
1.4
V
ground. Vcom = 0.56 + 0.48 × RADJ,
RADJ is kΩ
I/Q gain mismatch
0 to 11 MHz band
0.1
0.5
dB
I/Q phase imbalance
0 to 11 MHz band
0.9
3
°
I/Q differential DC offset
After calibration. Min Gain
10
mV
Before calibration
50
mV
DC offset calibration time
With 40 MHz reference. See
32
µs
calibration instructions
5
Submit Documentation Feedback


Similar Part No. - TRF2432

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2432 TI-TRF2432 Datasheet
546Kb / 23P
[Old version datasheet]   Dual-Band IQ/IF TRANSCEIVER WITH DUAL VCO SYNTHESIZERS
More results

Similar Description - TRF2432

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2432 TI-TRF2432 Datasheet
546Kb / 23P
[Old version datasheet]   Dual-Band IQ/IF TRANSCEIVER WITH DUAL VCO SYNTHESIZERS
logo
Analog Devices
ADF4213 AD-ADF4213_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4212 AD-ADF4212_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210 Datasheet
251Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4211 AD-ADF4211_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
ADF4210 AD-ADF4210_15 Datasheet
252Kb / 20P
   Dual RF/IF PLL Frequency Synthesizers
REV. A
logo
Texas Instruments
TRF1121 TI-TRF1121 Datasheet
1Mb / 26P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
TRF1112 TI-TRF1112_07 Datasheet
1Mb / 25P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Down-Conversion
TRF1121 TI-TRF1121_07 Datasheet
1Mb / 27P
[Old version datasheet]   Dual VCO/PLL Synthesizer With IF Up-Converter
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com