Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF1123IRTMTG3 Datasheet(PDF) 1 Page - Texas Instruments

Part # TRF1123IRTMTG3
Description  2.1-GHz to 2.7-GHz 1-W Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1123IRTMTG3 Datasheet(HTML) 1 Page - Texas Instruments

  TRF1123IRTMTG3 Datasheet HTML 1Page - Texas Instruments TRF1123IRTMTG3 Datasheet HTML 2Page - Texas Instruments TRF1123IRTMTG3 Datasheet HTML 3Page - Texas Instruments TRF1123IRTMTG3 Datasheet HTML 4Page - Texas Instruments TRF1123IRTMTG3 Datasheet HTML 5Page - Texas Instruments TRF1123IRTMTG3 Datasheet HTML 6Page - Texas Instruments TRF1123IRTMTG3 Datasheet HTML 7Page - Texas Instruments TRF1123IRTMTG3 Datasheet HTML 8Page - Texas Instruments TRF1123IRTMTG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
RFO
RFI
Power Amp /
Attenuator
Pre−Amp
Power
Supply
VDD
PACNT
PAGAIN1
PAGAIN0
VPOS
VNEG
DETN
DETP
LP
Driver
Amplifier
DESCRIPTION
KEY SPECIFICATIONS
BLOCK DIAGRAM
TRF1123
SLWS167B – APRIL 2005 – REVISED SEPTEMBER 2006
2.1-GHz to 2.7-GHz 1-W Power Amplifier
1.5 W P-1 dBm Linear, 30-dB Gain
Transmitter
Operates Over the MMDS, MDS, and WCS
Bands (2.1 GHz to 2.7 GHz)
Two TTL Controlled, 1-bit, 16-dB Gain Steps
Superior Linearity Over the Entire Gain
Range
PACNT Signal Enables and Disables PA
Internally Matched 50-
Ω Input and Output
The TRF1123 is a highly integrated linear transmitter power amplifier MMIC. The chip has two 16-dB gain steps
that provide a total of 32-dB gain control via 1-bit TTL control signals. The chip also integrates a TTL mute
function that turns off the amplifiers for power critical or TDD applications. A temperature compensated detector
is included for output power monitor or ALC applications. The chip has a typical P1dB of 31.5 dBm and a third
order intercept of 52 dBm.
The TRF1123 is designed to function as a part of Texas Instruments complete 2.5-GHz chip set. The TRF1123
is used as the output power amplifier or a driver amplifier for higher power applications. The linear nature of the
transmitter makes it ideal for complex modulations schemes such as high order QAM or OFDM.
OP1dB = 31.5 dBm, Typical
Output IP3 = 52 dBm, Typical
Gain = 30 dB, Typical
Gain Flatness Over Transmit Band ±2.5 dB
Frequency Range: 2.1 GHz to 2.7 GHz
±0.5-dB Detected Output voltage vs Temperature
The detailed block diagram and the pin-out of the ASIC are shown in Figure 1.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TRF1123IRTMTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1123 TI-TRF1123 Datasheet
394Kb / 11P
[Old version datasheet]   2.1-GHz to 2.7-GHz 1-W Power Amplifier
More results

Similar Description - TRF1123IRTMTG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1123 TI-TRF1123 Datasheet
394Kb / 11P
[Old version datasheet]   2.1-GHz to 2.7-GHz 1-W Power Amplifier
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
TRF1223 TI-TRF1223_07 Datasheet
324Kb / 13P
[Old version datasheet]   3.3-GHz To 3.8-GHz 1-W Power Amplifier
logo
Qorvo, Inc
TGA2830-SM QORVO-TGA2830-SM Datasheet
1Mb / 18P
   2.7 to 3.5 GHz, 18 W GaN Power Amplifier
TGA2583-SM QORVO-TGA2583-SM Datasheet
798Kb / 13P
   2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
TGA2975-SM QORVO-TGA2975-SM Datasheet
537Kb / 18P
   2.7 to 3.5 GHz, 12 W GaN Power Amplifier
logo
Analog Devices
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
   46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
ADL5571 AD-ADL5571 Datasheet
468Kb / 16P
   2.5 GHz to 2.7 GHz WiMAX Power Amplifier
REV. 0
logo
Qorvo, Inc
QPA3069 QORVO-QPA3069 Datasheet
778Kb / 19P
   2.7 ??3.5 GHz 100 W GaN Power Amplifier
TQM879006A QORVO-TQM879006A Datasheet
771Kb / 11P
   1.4 ??2.7 GHz 1/4 W Digital Variable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com