Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF3701IRHCR Datasheet(PDF) 4 Page - Texas Instruments

Part # TRF3701IRHCR
Description  0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3701IRHCR Datasheet(HTML) 4 Page - Texas Instruments

  TRF3701IRHCR Datasheet HTML 1Page - Texas Instruments TRF3701IRHCR Datasheet HTML 2Page - Texas Instruments TRF3701IRHCR Datasheet HTML 3Page - Texas Instruments TRF3701IRHCR Datasheet HTML 4Page - Texas Instruments TRF3701IRHCR Datasheet HTML 5Page - Texas Instruments TRF3701IRHCR Datasheet HTML 6Page - Texas Instruments TRF3701IRHCR Datasheet HTML 7Page - Texas Instruments TRF3701IRHCR Datasheet HTML 8Page - Texas Instruments TRF3701IRHCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
www.ti.com
RF OUTPUT PERFORMANCE (942.5 MHz)
TRF3701
SLWS145D – FEBRUARY 2003 – REVISED AUGUST 2006
Over recommended operating conditions, VCC = 5 V, VCM = 3.7 V, f
LO = 942.5 MHz at 0 dBm, TA = 25°C (unless otherwise
noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Single and Two-Tone Specifications
Output power
–3.5
–1
dBm
Second baseband
–50
–45
dBc
harmonic (USB or LSB)(3)
I, Q(2) = 1 Vp-p, fBB = 928 kHz
Third baseband harmonic
–61
–55
dBc
(USB or LSB)(3)
I, Q(2) = 1 Vp-p (two-tone signal, fBB1 = 928 kHz,
IMD3
–55
–45
dBc
fBB2 = 992 kHz)
P1dB (output compression
6.5
dBm
point)
I, Q(4) = VCM = 3.7 VDC
–156
6-MHz offset from carrier, Pout = –10 dBm, over temperature
–153
–151(5)
NSD
Noise spectral density
dBm/Hz
6-MHz offset from carrier, Pout = –5 dBm, over temperature
–152
–150(5)
6-MHz offset from carrier, Pout = 0 dBm, over temperature
–150
–148(5)
RFOUT pin impedance
26 + j3
I, Q(2) = 1 Vp-p, fBB = 928 kHz, unadjusted
30
35
Carrier suppression
I, Q(2) = 1 Vp-p, fBB = 928 kHz, optimized
55
dBc
I, Q(2) = 1 Vp-p, fBB = 928 kHz, over temperature
35
I, Q(2) = 1 Vp-p, fBB = 928 kHz, unadjusted
37
50
Sideband suppression
I, Q(2) = 1 Vp-p, fBB = 928 kHz, optimized
55
dBc
I, Q(2) = 1 Vp-p, fBB = 928 kHz, over temperature
38
(1)
Baseband inputs are differential; equivalent performance is attained by using single-ended drive.
(2)
I , Q = 1 Vp-p implies that the magnitude of the signal at each input pin IVIN, IREF, QVIN, QREF is equal to 500 mVp-p.
(3)
USB = upper sideband. LSB = lower sideband.
(4)
All input pins tied to VCM
(5)
Maximum noise values are assured by statistical characterization only, not production testing. The values specified are over the entire
temperature range, TA = –40°C to 85°C.
4
Submit Documentation Feedback


Similar Part No. - TRF3701IRHCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3701 TI-TRF3701 Datasheet
79Kb / 5P
[Old version datasheet]   0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
More results

Similar Description - TRF3701IRHCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346ARUZ AD-AD8346ARUZ Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701 Datasheet
79Kb / 5P
[Old version datasheet]   0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com