Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF3701IRHCRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TRF3701IRHCRG4
Description  0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3701IRHCRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRF3701IRHCRG4 Datasheet HTML 3Page - Texas Instruments TRF3701IRHCRG4 Datasheet HTML 4Page - Texas Instruments TRF3701IRHCRG4 Datasheet HTML 5Page - Texas Instruments TRF3701IRHCRG4 Datasheet HTML 6Page - Texas Instruments TRF3701IRHCRG4 Datasheet HTML 7Page - Texas Instruments TRF3701IRHCRG4 Datasheet HTML 8Page - Texas Instruments TRF3701IRHCRG4 Datasheet HTML 9Page - Texas Instruments TRF3701IRHCRG4 Datasheet HTML 10Page - Texas Instruments TRF3701IRHCRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
I, Q Amplitude − VPP
−25
−20
−15
−10
−5
0
5
10
0
1
2
3
4
G001
–40
°C
85
°C
25
°C
fLO = 400 MHz
−25
−20
−15
−10
−5
0
5
10
0
1
2
3
4
G002
–40
°C
85
°C
25
°C
fLO = 942.5 MHz
I, Q Amplitude − VPP
−80
−70
−60
−50
−40
−30
−20
−10
0
0
1
2
3
4
fLO = 400 MHz
G004
–40
°C
85
°C
25
°C
I, Q Amplitude − VPP
−25
−20
−15
−10
−5
0
5
10
0
1
2
3
4
G003
–40
°C
85
°C
25
°C
fLO = 1500 MHz
I, Q Amplitude − VPP
TRF3701
SLWS145D – FEBRUARY 2003 – REVISED AUGUST 2006
For all the performance plots in this section, the following conditions were used, unless otherwise noted:
TA = –40°C to 85°C, VCC = 5 V, VCM = 3.7 V, fLO = 942.5 MHz at PLO = 0 dBm, I and Q inputs driven
differentially at a frequency of 50 kHz for an output power level Pout = 0 dBm. In the case of optimized
suppressions, the point of optimization is noted and is always at nominal conditions and room temperature. A
level of >50 dBc is assumed to be optimized.
OUTPUT POWER
OUTPUT POWER
vs
vs
I, Q AMPLITUDE
I, Q AMPLITUDE
Figure 1.
Figure 2.
OUTPUT POWER
SECOND USB
vs
vs
I, Q AMPLITUDE
I, Q AMPLITUDE
Figure 3.
Figure 4.
7
Submit Documentation Feedback


Similar Part No. - TRF3701IRHCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3701 TI-TRF3701 Datasheet
79Kb / 5P
[Old version datasheet]   0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
More results

Similar Description - TRF3701IRHCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3701_15 TI-TRF3701_15_15 Datasheet
755Kb / 35P
[Old version datasheet]   0.14 GHz to 1.5 GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346ARUZ AD-AD8346ARUZ Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701 Datasheet
79Kb / 5P
[Old version datasheet]   0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com