Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF7960RHBT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TRF7960RHBT
Description  Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF7960RHBT Datasheet(HTML) 3 Page - Texas Instruments

  TRF7960RHBT Datasheet HTML 1Page - Texas Instruments TRF7960RHBT Datasheet HTML 2Page - Texas Instruments TRF7960RHBT Datasheet HTML 3Page - Texas Instruments TRF7960RHBT Datasheet HTML 4Page - Texas Instruments TRF7960RHBT Datasheet HTML 5Page - Texas Instruments TRF7960RHBT Datasheet HTML 6Page - Texas Instruments TRF7960RHBT Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS TABLE PER PACKAGE
RECOMMENDED OPERATING CONDITIONS
TRF7960/61
SLOS504B – AUGUST 2006 – REVISED APRIL 2007
over operating free-air temperature range (unless otherwise noted)(1)
VALUE
UNIT
VIN
Supply voltage
6
V
IO
Output current
150
mA
Continuous power dissipation
See Dissipation Rating Table
Maximum junction temperature, any condition(2)
140
°C
TJ
Maximum junction temperature, continuous operation, long-term reliability(2)
125
°C
Tstg
Storage temperature range
–55 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
HBM (human body model)
2
kV
ESDS rating
CDM (charged device model)
500
V
MM (machine model)
200
(1)
The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may
cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those specified are not implied.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
TABLE 5. PACKAGING/ORDERING INFORMATION(1)
PACKAGED DEVICES
PACKAGE TYPE
TRANSPORT MEDIA
QUANTITY
TRF7960RHBT
Tape and reel
250
RHB-32
TRF7960RHBR
Tape and reel
3000
TRF7961RHBT
Tape and reel
250
RHB-32
TRF7961RHBR
Tape and reel
3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
POWER RATING(2)
θ
JC
θ
JA
(1)
PACKAGE
(
°C/W)
(
°C/W)
TA≤ 25°C
TA = 85°C
RHB (32)
31
36.4
2.7 W
1.1 W
(1)
This data was taken using the JEDEC standard high-K test PCB.
(2)
Power rating is determined with a junction temperature of 125
°C. This is the point where distortion starts to increase substantially.
Thermal management of the final PCB should strive to keep the junction temperature at or below 125
°C for best performance and
long-term reliability.
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VIN
Supply voltage
2.7
5
5.5
V
TJ
Operating virtual junction temperature range
–40
125
°C
TA
Operating ambient temperature range
–40
25
110
°C
Load impedance at TX OUT (pin 5)
10
3
Submit Documentation Feedback


Similar Part No. - TRF7960RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7960RHBT TI-TRF7960RHBT Datasheet
354Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7960RHBT TI1-TRF7960RHBT Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960RHBT TI1-TRF7960RHBT Datasheet
1Mb / 54P
[Old version datasheet]   Multiple-Standard Fully Integrated 13.56-MHz RFID Analog Front End and Data-Framing Reader System
TRF7960RHBTG4 TI1-TRF7960RHBTG4 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960RHBTG4 TI1-TRF7960RHBTG4 Datasheet
1Mb / 54P
[Old version datasheet]   Multiple-Standard Fully Integrated 13.56-MHz RFID Analog Front End and Data-Framing Reader System
More results

Similar Description - TRF7960RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7960 TI-TRF7960 Datasheet
354Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7960 TI-TRF7960_12 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960RHBTG4 TI1-TRF7960RHBTG4 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960 TI1-TRF7960_17 Datasheet
1Mb / 54P
[Old version datasheet]   Multiple-Standard Fully Integrated 13.56-MHz RFID Analog Front End and Data-Framing Reader System
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
Tyco Electronics
PM07507-E MACOM-PM07507-E Datasheet
1Mb / 16P
   RFID (Radio Frequency Identification)
logo
Texas Instruments
TRF7970A TI1-TRF7970A Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com