Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2373IDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2373IDR
Description  FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2373IDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2373IDR Datasheet HTML 2Page - Texas Instruments TLV2373IDR Datasheet HTML 3Page - Texas Instruments TLV2373IDR Datasheet HTML 4Page - Texas Instruments TLV2373IDR Datasheet HTML 5Page - Texas Instruments TLV2373IDR Datasheet HTML 6Page - Texas Instruments TLV2373IDR Datasheet HTML 7Page - Texas Instruments TLV2373IDR Datasheet HTML 8Page - Texas Instruments TLV2373IDR Datasheet HTML 9Page - Texas Instruments TLV2373IDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TLV2370, TLV2371, TLV2372, TLV2373, TLV2374, TLV2375
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS270D − MARCH 2001 − REVISED JANUARY 2005
6
WWW.TI.COM
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 2.7 V, 5 V, and 15 V (unless
otherwise noted) (continued)
output characteristics
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VDD = 2.7 V
25
°C
2.55
2.58
VDD = 2.7 V
Full range
2.48
VIC = VDD/2, IOH = −1 mA
VDD = 5 V
25
°C
4.9
4.93
VIC = VDD/2, IOH = −1 mA
VDD = 5 V
Full range
4.85
VDD = 15 V
25
°C
14.92
14.96
VOH
High-level output voltage
VDD = 15 V
Full range
14.9
V
VOH
High-level output voltage
VDD = 2.7 V
25
°C
1.9
2
V
VDD = 2.7 V
Full range
1.6
VIC = VDD/2, IOH = −5 mA
VDD = 5 V
25
°C
4.6
4.68
VIC = VDD/2, IOH = −5 mA
VDD = 5 V
Full range
4.5
VDD = 15 V
25
°C
14.7
14.8
VDD = 15 V
Full range
14.6
VDD = 2.7 V
25
°C
0.1
0.15
VDD = 2.7 V
Full range
0.22
VIC = VDD/2, IOL = 1 mA
VDD = 5 V
25
°C
0.05
0.1
VIC = VDD/2, IOL = 1 mA
VDD = 5 V
Full range
0.15
VDD = 15 V
25
°C
0.05
0.08
VOL
Low-level output voltage
VDD = 15 V
Full range
0.1
V
VOL
Low-level output voltage
VDD = 2.7 V
25
°C
0.52
0.7
V
VDD = 2.7 V
Full range
1.1
VIC = VDD/2, IOL = 5 mA
VDD = 5 V
25
°C
0.28
0.4
VIC = VDD/2, IOL = 5 mA
VDD = 5 V
Full range
0.5
VDD = 15 V
25
°C
0.19
0.3
VDD = 15 V
Full range
0.35
VDD = 2.7 V, VO = 0.5 V from rail
Positive rail
25
°C
4
VDD = 2.7 V, VO = 0.5 V from rail
Negative rail
25
°C
5
IO
Output current
VDD = 5 V, VO = 0.5 V from rail
Positive rail
25
°C
7
mA
IO
Output current
VDD = 5 V, VO = 0.5 V from rail
Negative rail
25
°C
8
mA
VDD = 15 V, VO = 0.5 V from rail
Positive rail
25
°C
16
VDD = 15 V, VO = 0.5 V from rail
Negative rail
25
°C
15
power supply
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VDD = 2.7 V
25
°C
470
560
IDD
Supply current (per channel)
VO = VDD/2,
VDD = 5 V
25
°C
550
660
µA
IDD
Supply current (per channel)
VO = VDD/2,
VDD = 15 V
25
°C
750
900
µA
VDD = 15 V
Full range
1200
PSRR
Supply voltage rejection ratio
VDD = 2.7 V to 15 V,
VIC = VDD /2,
25
°C
70
80
dB
PSRR
Supply voltage rejection ratio
(
∆VDD /∆VIO)
VDD = 2.7 V to 15 V,
No load
VIC = VDD /2,
Full range
65
dB


Similar Part No. - TLV2373IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2373IDR TI1-TLV2373IDR Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
TLV2373IDRG4 TI1-TLV2373IDRG4 Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
More results

Similar Description - TLV2373IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV271 TI-TLV271 Datasheet
316Kb / 17P
[Old version datasheet]   550-UA/CH 3-MHZ RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV271-Q1 TI-TLV271-Q1 Datasheet
518Kb / 22P
[Old version datasheet]   FAMILY OF 500-UA/CH 3-MHZ RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV272 TI1-TLV272_12 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 550-A/Ch 3-MHz RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-Q1 TI1-TLV2371-Q1 Datasheet
579Kb / 25P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP_16 Datasheet
613Kb / 24P
[Old version datasheet]    FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2371-EP TI1-TLV2371-EP Datasheet
594Kb / 21P
[Old version datasheet]   FAMILY OF 550-關A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2455A TI-TLV2455A Datasheet
1Mb / 45P
[Old version datasheet]   FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com