Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC9P5504B-5ZX96 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HC9P5504B-5ZX96
Description  EIA/ITU PABX SLIC with 40mA Loop Feed
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC9P5504B-5ZX96 Datasheet(HTML) 4 Page - Intersil Corporation

  HC9P5504B-5ZX96 Datasheet HTML 1Page - Intersil Corporation HC9P5504B-5ZX96 Datasheet HTML 2Page - Intersil Corporation HC9P5504B-5ZX96 Datasheet HTML 3Page - Intersil Corporation HC9P5504B-5ZX96 Datasheet HTML 4Page - Intersil Corporation HC9P5504B-5ZX96 Datasheet HTML 5Page - Intersil Corporation HC9P5504B-5ZX96 Datasheet HTML 6Page - Intersil Corporation HC9P5504B-5ZX96 Datasheet HTML 7Page - Intersil Corporation HC9P5504B-5ZX96 Datasheet HTML 8Page - Intersil Corporation HC9P5504B-5ZX96 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
VB+ to 2-Wire
200 - 16kHz, RL = 600Ω
30
-
-
dB
VB+ to Transmit
30
-
-
dB
VB- to 2-Wire
30
-
-
dB
VB- to Transmit
30
-
-
dB
Logic Input Current (RS, RC, PD)0V
≤ V
IN ≤ 5V
-
-
±100
µA
Logic Inputs
Logic ‘0’ VIL
--
0.8
V
Logic ‘1’ VIH
2.0
-
5.5
V
Logic Outputs
Logic ‘0’ VOL
ILOAD 800µA, VB+ = 12V, 5V
-
0.1
0.5
V
Logic ‘1’ VOH
ILOAD 80µA, VB+ = 12V
2.7
5.0
5.5
V
ILOAD 40µA, VB+ = 5V
2.7
-
5.0
V
Electrical Specifications
Unless Otherwise Specified, VB- = -48V, VB+ = 12V and 5V, AG = BG = DG = 0V, Typical Parameters
TA = 25°C. Min-Max Parameters are Over Operating Temperature Range (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Uncommitted Op Amp Specifications
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
-
±5-
mV
Input Offset Current
-
±10
-
nA
Input Bias Current
-20
-
nA
Differential Input Resistance
(Note 3)
-
1
-
M
Output Voltage Swing
RL = 10K, VB+ = 12V
-
±6.2
±6.6
VPEAK
RL = 10K, VB+ = 5V
-
±3-
VPEAK
Output Resistance
AVCL = 1 (Note 3)
-
10
-
Small Signal GBW
(Note 3)
-
1
-
MHz
NOTES:
3. These parameters are controlled by design or process parameters and are not directly tested. These parameters are characterized upon initial
design release, upon design changes which would affect these characteristics, and at intervals to assure product quality and specification
compliance.
4. ILONG = Longitudinal Current.
HC-5504B


Similar Part No. - HC9P5504B-5ZX96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC9P5504B-5ZX96 INTERSIL-HC9P5504B-5ZX96 Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Renesas Technology Corp
HC9P5504B-5ZX96 RENESAS-HC9P5504B-5ZX96 Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
More results

Similar Description - HC9P5504B-5ZX96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5504B INTERSIL-HC-5504B Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
logo
Renesas Technology Corp
HC-5504B RENESAS-HC-5504B Datasheet
482Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
logo
Intersil Corporation
HC5504B INTERSIL-HC5504B Datasheet
224Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5502B INTERSIL-HC-5502B_03 Datasheet
603Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5524 INTERSIL-HC-5524 Datasheet
87Kb / 9P
   EIA/ITU 24V PABX SLIC with 25mA Loop Feed
February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com