Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA741UU Datasheet(PDF) 8 Page - Texas Instruments

Part # UA741UU
Description  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA741UU Datasheet(HTML) 8 Page - Texas Instruments

Back Button UA741UU Datasheet HTML 4Page - Texas Instruments UA741UU Datasheet HTML 5Page - Texas Instruments UA741UU Datasheet HTML 6Page - Texas Instruments UA741UU Datasheet HTML 7Page - Texas Instruments UA741UU Datasheet HTML 8Page - Texas Instruments UA741UU Datasheet HTML 9Page - Texas Instruments UA741UU Datasheet HTML 10Page - Texas Instruments UA741UU Datasheet HTML 11Page - Texas Instruments UA741UU Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
µA741, µA741Y
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS094B – NOVEMBER 1970 – REVISED SEPTEMBER 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
TA – Free-Air Temperature – °C
120
80
40
0
–40
20
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
VCC – = –15 V
VCC+ = 15 V
90
70
50
30
10
0
40
60
80
100
– 60
– 20
20
60
100
140
Figure 4
400
300
200
100
0
0
40
80
120
TA – Free-Air Temperature – °C
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
VCC – = –15 V
VCC+ = 15 V
350
250
150
50
–40
– 60
– 20
20
60
100
140
RL – Load Resistance – kΩ
10
7
4
2
1
0.7
0.4
0.2
0.1
±4
±5
±6
±7
±8
±9
±10
±11
±12
±13
±14
MAXIMUM PEAK OUTPUT VOLTAGE
vs
LOAD RESISTANCE
VCC+ = 15 V
VCC – = –15 V
TA = 25°C
Figure 5
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


Similar Part No. - UA741UU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741 Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741 Datasheet
315Kb / 11P
   General-purpose single operational amplifier
logo
Texas Instruments
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
   Frequency-Compensated Operational Amplifier
More results

Similar Description - UA741UU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA709C TI-UA709C Datasheet
93Kb / 6P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Rohm
BD1321G ROHM-BD1321G_16 Datasheet
728Kb / 23P
   General Purpose Operational Amplifiers
logo
Texas Instruments
UA741 TI-UA741 Datasheet
423Kb / 19P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741CPSRG4 TI-UA741CPSRG4 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741MU TI-UA741MU Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA748C TI-UA748C Datasheet
118Kb / 8P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA741 TI1-UA741 Datasheet
1Mb / 28P
[Old version datasheet]   General-Purpose Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com