Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3809PTR-2 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3809PTR-2
Description  Economy Primary Side Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3809PTR-2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC3809PTR-2 Datasheet HTML 7Page - Texas Instruments UCC3809PTR-2 Datasheet HTML 8Page - Texas Instruments UCC3809PTR-2 Datasheet HTML 9Page - Texas Instruments UCC3809PTR-2 Datasheet HTML 10Page - Texas Instruments UCC3809PTR-2 Datasheet HTML 11Page - Texas Instruments UCC3809PTR-2 Datasheet HTML 12Page - Texas Instruments UCC3809PTR-2 Datasheet HTML 13Page - Texas Instruments UCC3809PTR-2 Datasheet HTML 14Page - Texas Instruments UCC3809PTR-2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
5-Feb-2007
Addendum-Page 3


Similar Part No. - UCC3809PTR-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3809PTR-2 TI1-UCC3809PTR-2 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
UCC3809PTR-2G4 TI1-UCC3809PTR-2G4 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
More results

Similar Description - UCC3809PTR-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1809-1 TI-UCC1809-1 Datasheet
162Kb / 11P
[Old version datasheet]   Economy Primary Side Controller
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
Texas Instruments
UCC2960 TI1-UCC2960_14 Datasheet
215Kb / 14P
[Old version datasheet]   PRIMARY-SIDE STARTUP CONTROLLER
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Texas Instruments
UCC2961 TI1-UCC2961 Datasheet
256Kb / 17P
[Old version datasheet]   ADVANVED PRIMARY-SIDE STARTUP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com