Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3809PTR-2G4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3809PTR-2G4
Description  Economy Primary Side Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3809PTR-2G4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC3809PTR-2G4 Datasheet HTML 2Page - Texas Instruments UCC3809PTR-2G4 Datasheet HTML 3Page - Texas Instruments UCC3809PTR-2G4 Datasheet HTML 4Page - Texas Instruments UCC3809PTR-2G4 Datasheet HTML 5Page - Texas Instruments UCC3809PTR-2G4 Datasheet HTML 6Page - Texas Instruments UCC3809PTR-2G4 Datasheet HTML 7Page - Texas Instruments UCC3809PTR-2G4 Datasheet HTML 8Page - Texas Instruments UCC3809PTR-2G4 Datasheet HTML 9Page - Texas Instruments UCC3809PTR-2G4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
UCC1809-1/-2
UCC2809-1/-2
UCC3809-1/-2
The recommended value for CT is 1nF for frequencies in
the 100 kHz or less range and smaller CT for higher fre-
quencies. The minimum recommended values of RT1
and RT2 are 10k
Ω and 4.32kΩ, respectively. Using these
values maintains a ratio of at least 20:1 between the
RDS(on) of the internal FETs and the external timing resis-
tors, resulting in minimal change in frequency over tem-
perature. Because of the oscillator's susceptibility to
capacitive coupling, examine the oscillator frequency by
looking at the common RT1-RT2-CT node on the circuit
board as opposed to looking at pins 3 and 4 directly. For
good noise immunity, RT1 and RT2 should be placed as
close to pins 3 and 4 of the IC as possible. CT should be
returned directly to the ground pin of the IC with minimal
stray inductance and capacitance.
10
100
1000
100
1000
10000
CT [pF]
Figure 4. Oscillator frequency vs. CT (RT1 = 10k,
RT2 = 4.32k)
CT
S(OSC)
R(OSC)
Q(OSC)=CLK
=S(PWM)
FB
R(PWM)
Q(PWM)
OUT
CT
CHARGING
CT
DISCHARGING
3.33V
1.67V
1V
70%
ON
30%
OFF
FB SIGNAL DOMINANT
MAX. DUTY CYCLE DOMINANT
Figure 3. Waveforms associated with the oscillator latch and the PWM latch.
APPLICATION INFORMATION (cont.)
UDG-99037


Similar Part No. - UCC3809PTR-2G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3809PTR-2G4 TI1-UCC3809PTR-2G4 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
More results

Similar Description - UCC3809PTR-2G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1809-1 TI-UCC1809-1 Datasheet
162Kb / 11P
[Old version datasheet]   Economy Primary Side Controller
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
Texas Instruments
UCC2960 TI1-UCC2960_14 Datasheet
215Kb / 14P
[Old version datasheet]   PRIMARY-SIDE STARTUP CONTROLLER
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Texas Instruments
UCC2961 TI1-UCC2961 Datasheet
256Kb / 17P
[Old version datasheet]   ADVANVED PRIMARY-SIDE STARTUP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com