Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE8.2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 1.5KE8.2
Description  TRANSZORB Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1.5KE8.2 Datasheet(HTML) 5 Page - Vishay Siliconix

  1.5KE8.2 Datasheet HTML 1Page - Vishay Siliconix 1.5KE8.2 Datasheet HTML 2Page - Vishay Siliconix 1.5KE8.2 Datasheet HTML 3Page - Vishay Siliconix 1.5KE8.2 Datasheet HTML 4Page - Vishay Siliconix 1.5KE8.2 Datasheet HTML 5Page - Vishay Siliconix 1.5KE8.2 Datasheet HTML 6Page - Vishay Siliconix 1.5KE8.2 Datasheet HTML 7Page - Vishay Siliconix 1.5KE8.2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Vishay General Semiconductor
1.5KE6.8 thru 1.5KE540A, 1N6267 thru 1N6303
Document Number 88301
20-Jun-06
www.vishay.com
5
Figure 5. Power Derating Curve
Figure 6. Maximum Non-repetitive Forward Surge Current
Uni-Directional only
Figure 7. Incremental Clamping Voltage Curve (Unidirectional)
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0
25
50
75
100
125
150
175
200
TL - Lead Temperature (°C)
L = 0.375" (9.5 mm)
Lead Lengths
1
10
100
10
100
200
TJ = TJ max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
0.5
1
2
10
20
50
0.1
0.2
1.0
2.0
10
20
100
Waveform:
8/20 µsImpulse
= VC - V(BR)
1.5KE200
1.5KE6.8
1.5KE9.1
1.5KE18
1.5KE12
ΔVC
1.5KE130
1.5KE100
1.5KE75
1.5KE39
1.5KE33
IPP, Peak Pulse Current (A)
Figure 8. Incremental Clamping Voltage Curve (Unidirectional)
Figure 9. Incremental Clamping Voltage Curve (Bidirectional)
Figure 10. Incremental Clamping Voltage Curve (Bidirectional)
0.5
1
2
10
50
0.1
0.2
1.0
2.0
10
20
100
Waveform:
10/1000 µs Impulse
VC = VC - V(BR)
1.5KE200
1.5KE130
1.5KE75
1.5KE39
1.5KE33
1.5KE6.8
1.5KE9.1
Δ
IPP, Peak Pulse Current (A)
0.5
1
2
10
20
50
1.5KE200C
1.5KE75C
1.5KE39C
1.5KE15C
11C
1.5KE7.5C
1.5KE30C
0.1
0.2
1.0
2.0
10
20
100
Waveform:
10/1000 µsImpulse
VC = VC - V(BR)
Δ
IPP, Peak Pulse Current (A)
0.5
1
2.0
10
20
50
1.5KE200C
1.5KE75C
1.5KE39C
1.5KE15C
1.5KE11C
1.5KE7.5C
1.5KE30C
0.1
0.2
1
2
10
20
100
IPP, Peak Pulse Current (A)
Waveform:
8/20 µsImpulse
= VC - V(BR)
ΔVC


Similar Part No. - 1.5KE8.2

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
1.5KE8.2 SOCAY-1.5KE8.2 Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Transys Electronics
1.5KE8.2 TRSYS-1.5KE8.2 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE8.2 NJSEMI-1.5KE8.2 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1.5KE8.2 DAESAN-1.5KE8.2 Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE8.2 NJSEMI-1.5KE8.2 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5KE8.2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com