Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3809PW-1G4 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC3809PW-1G4
Description  Economy Primary Side Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3809PW-1G4 Datasheet(HTML) 5 Page - Texas Instruments

  UCC3809PW-1G4 Datasheet HTML 1Page - Texas Instruments UCC3809PW-1G4 Datasheet HTML 2Page - Texas Instruments UCC3809PW-1G4 Datasheet HTML 3Page - Texas Instruments UCC3809PW-1G4 Datasheet HTML 4Page - Texas Instruments UCC3809PW-1G4 Datasheet HTML 5Page - Texas Instruments UCC3809PW-1G4 Datasheet HTML 6Page - Texas Instruments UCC3809PW-1G4 Datasheet HTML 7Page - Texas Instruments UCC3809PW-1G4 Datasheet HTML 8Page - Texas Instruments UCC3809PW-1G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
UCC1809-1/-2
UCC2809-1/-2
UCC3809-1/-2
The Typical Application Diagram shows an isolated
flyback converter utilizing the UCC3809. Note that the
capacitors CREF and CVDD are local decoupling capaci-
tors for the reference and IC input voltage, respectively.
Both capacitors should be low ESR and ESL ceramic,
placed as close to the IC pins as possible, and returned
directly to the ground pin of the chip for best stability.
REF provides the internal bias to many of the IC func-
tions and CREF should be at least 0.47µF to prevent REF
from drooping.
FB Pin
The basic premise of the UCC3809 is that the voltage
sense feedback signal originates from an optocoupler
that is modulated by an external error amplifier located
on the secondary side. This signal is summed with the
current sense signal and any slope compensation at the
FB pin and compared to a 1V threshold, as shown in the
Typical Application Diagram. Crossing this 1V threshold
resets the PWM latch and modulates the output driver
on-time much like the current sense comparator used in
the UC3842. In the absence of a FB signal, the output
will follow the programmed maximum on-time of the os-
cillator.
When adding slope compensation, it is important to use
a small capacitor to AC couple the oscillator waveform
before summing this signal into the FB pin. By correctly
selecting the emitter resistor of the optocoupler, the volt-
age sense signal can force the FB node to exceed the
1V threshold when the output that is being compared ex-
ceeds a desired level. Doing so drives the UCC3809 to
zero percent duty cycle.
Oscillator
The following equation sets the oscillator frequency:
() ()
[]
FCT
pF
RT
RT
OS C =•
+
+
074
27
1
2
1
.
()
DRT
CT
pF
F
MAX
OS C
=•
+
074
1
27
.
Referring to Figure 2 and the waveforms in Figure 3,
when Q1is on, CT charges via the RDS(on) of Q1 and
RT1. During this charging process, the voltage of CT is
sensed through RT2. The S input of the oscillator latch,
S(OSC), is level sensitive, so crossing the upper thresh-
old (set at 2/3 VREF or 3.33V for a typical 5.0V refer-
ence) sets the Q output (CLK signal) of the oscillator
latch high. A high CLK signal results in turning off Q1 and
turning on Q2. CT now discharges through RT2 and the
RDS(on) of Q2. CT discharges from 3.33V to the lower
threshold (set at 1/3 VREF or 1.67V for a typical 5.0V
reference) sensed through RT1. The R input to the oscil-
lator latch, R(OSC), is also level sensitive and resets the
CLK signal low when CT crosses the 1.67V threshold,
turning off Q2 and turning on Q1, initiating another charg-
ing cycle.
Figure 3 shows the waveforms associated with the oscil-
lator latch and the PWM latch (shown in the Typical Ap-
plication Diagram). A high CLK signal not only initiates a
discharge cycle for CT, it also turns on the internal NMOS
FET on the FB pin causing any external capacitance
used for leading edge blanking connected to this pin to
be discharged to ground.
By discharging any external
capacitor completely to ground during the external
switch’s off-time, the noise immunity of the converter is
enhanced allowing the user to design in smaller RC com-
ponents for leading edge blanking.
A high CLK signal
also sets the level sensitive S input of the PWM latch,
S(PWM), high, resulting in a high output, Q(PWM), as
shown in Figure 3. This Q(PWM) signal will remain high
until a reset signal, R(PWM) is received. A high R(PWM)
signal results from the FB signal crossing the 1V thresh-
old, or during soft start or if the SS pin is disabled.
Assuming the UVLO threshold is satisfied, the OUT sig-
nal of the IC will be high as long as Q(PWM) is high and
S(PWM), also referred to as CLK, is low. The OUT sig-
nal will be dominated by the FB signal as long as the FB
signal trips the 1V threshold while CLK is low. If the FB
signal does not cross the 1V threshold while CLK is low,
the OUT signal will be dominated by the maximum duty
cycle programmed by the user. Figure 3 illustrates the
various waveforms for a design set up for a maximum
duty cycle of 70%.
APPLICATION INFORMATION (cont.)
+
+
SQ
R
Q2
Q1
3
4
RT2
CT
RT1
VREF
3.33V
1.67V
CLK
OSC
OSCILLATOR
LATCH
Figure 2. UCC3809 oscillator.
UDG-97195


Similar Part No. - UCC3809PW-1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3809PW-1 TI-UCC3809PW-1 Datasheet
162Kb / 11P
[Old version datasheet]   Economy Primary Side Controller
UCC3809PW-1 TI1-UCC3809PW-1 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
More results

Similar Description - UCC3809PW-1G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1809-1 TI-UCC1809-1 Datasheet
162Kb / 11P
[Old version datasheet]   Economy Primary Side Controller
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
[Old version datasheet]   Economy Primary Side Controller
UC1548 TI1-UC1548_08 Datasheet
372Kb / 10P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
   Primary Side PWM Controller
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
[Old version datasheet]   Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
Texas Instruments
UCC2960 TI1-UCC2960_14 Datasheet
215Kb / 14P
[Old version datasheet]   PRIMARY-SIDE STARTUP CONTROLLER
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
logo
ON Semiconductor
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Texas Instruments
UCC2961 TI1-UCC2961 Datasheet
256Kb / 17P
[Old version datasheet]   ADVANVED PRIMARY-SIDE STARTUP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com