Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2544 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA-2544
Description  50MHz, Video Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2544 Datasheet(HTML) 5 Page - Intersil Corporation

  HA-2544_04 Datasheet HTML 1Page - Intersil Corporation HA-2544_04 Datasheet HTML 2Page - Intersil Corporation HA-2544_04 Datasheet HTML 3Page - Intersil Corporation HA-2544_04 Datasheet HTML 4Page - Intersil Corporation HA-2544_04 Datasheet HTML 5Page - Intersil Corporation HA-2544_04 Datasheet HTML 6Page - Intersil Corporation HA-2544_04 Datasheet HTML 7Page - Intersil Corporation HA-2544_04 Datasheet HTML 8Page - Intersil Corporation HA-2544_04 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Schematic Diagram
Application Information
The HA-2544 is a true differential op amp that is as versatile
as any op amp but offers the advantages of high unity gain
bandwidth, high speed and low supply current. More
important than its general purpose applications is that the
HA-2544 was especially designed to meet the requirements
found in a video amplifier system. These requirements
include fine picture resolution and accurate color rendition,
and must meet broadcast quality standards.
In a video signal, the video information is carried in the
amplitude and phase as well as in the DC level. The amplifier
must pass the 30Hz line rate Iuminance level and the 3.58MHz
(NTSC) or 4.43MHz (PAL) color band without altering phase or
gain. The HA-2544’s key specifications aimed at meeting this
include high bandwidth (50MHz), very low gain flatness
(0.12dB at 10MHz), near unmeasurable differential gain and
differential phase (0.03% and 0.03 degrees), and low noise
(20nV/
√Hz). The HA-2544 meets these guidelines.
The HA-2544 also offers the advantage of a full output voltage
swing of
±10V into a 1kΩ load. This equates to a full power
bandwidth of 2.4MHz for this
±10V signal. If video signal
levels of
±2V maximum is used (with R
L = 1kΩ), the full power
bandwidth would be 11.9MHz without clipping distortion.
R1
R2
R2A
QP24
QP23
QP57
R7
R8
QN22
QP58
QP20
R28
R9
QN21
QP19
V-
R37
R36
QP33
QP32
D34
D38
D37
D39
D40
R10
QP44
QN43
R11
R12
R13
QN17
QP16
QP15
QN14
V+
R14
R15
QN13
QN59
QN9
QN10
QN46
QN55
QN60
QN11
QN12
QN48
R16
BAL
BAL
5k
R38
5k
R39
R17
R18
R31
V-
D41
QP52
QP54
36
R33
OUTPUT
36
R32
R35
R30
QN53
QN51
QN50
QP5
C1
QN36
QP6
R4
V+
-INPUT
200
R25
200
R24
QN1
QN2
+INPUT
QN18
V-
V+
HA-2544


Similar Part No. - HA-2544_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2544/883 INTERSIL-HA-2544/883 Datasheet
44Kb / 5P
   Video Operational Amplifier
HA-2544883 INTERSIL-HA-2544883 Datasheet
44Kb / 5P
   Video Operational Amplifier
More results

Similar Description - HA-2544_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2544 INTERSIL-HA-2544 Datasheet
853Kb / 11P
   50MHz, Video Operational Amplifier
April 1999
HA-2444 INTERSIL-HA-2444 Datasheet
544Kb / 6P
   50MHz, Selectable, Four Channel Video Operational Amplifier
HA-2841 INTERSIL-HA-2841_03 Datasheet
450Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
logo
Renesas Technology Corp
HA-2841 RENESAS-HA-2841 Datasheet
588Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2544883 INTERSIL-HA-2544883 Datasheet
44Kb / 5P
   Video Operational Amplifier
logo
Maxim Integrated Produc...
MAX404 MAXIM-MAX404 Datasheet
239Kb / 8P
   Video Operational Amplifier
Rev 0; 7/91
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
   Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
   Video Power Operational Amplifier
logo
SG Micro Corp
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com