Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA2-2600-2 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA2-2600-2
Description  12MHz, High Input Impedance Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2-2600-2 Datasheet(HTML) 5 Page - Intersil Corporation

  HA2-2600-2 Datasheet HTML 1Page - Intersil Corporation HA2-2600-2 Datasheet HTML 2Page - Intersil Corporation HA2-2600-2 Datasheet HTML 3Page - Intersil Corporation HA2-2600-2 Datasheet HTML 4Page - Intersil Corporation HA2-2600-2 Datasheet HTML 5Page - Intersil Corporation HA2-2600-2 Datasheet HTML 6Page - Intersil Corporation HA2-2600-2 Datasheet HTML 7Page - Intersil Corporation HA2-2600-2 Datasheet HTML 8Page - Intersil Corporation HA2-2600-2 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN2902.7
January 16, 2006
NOTE: A small load capacitance is recommended in all applications where practical to prevent possible high frequency oscillations resulting from
external wiring parasitics. Capacitance up to 100pF has negligible effect on the bandwidth or slew rate.
FIGURE 7. REFERENCE VOLTAGE AMPLIFIER
FIGURE 8. VOLTAGE FOLLOWER
Typical Performance Curves VS = ±15V, TA = 25°C, Unless Otherwise Specified
FIGURE 9. INPUT BIAS CURRENT AND OFFSET CURRENT
vs TEMPERATURE
FIGURE 10. BROADBAND NOISE CHARACTERISTICS
FIGURE 11. OPEN LOOP FREQUENCY RESPONSE
FIGURE 12. INPUT IMPEDANCE vs TEMPERATURE (100Hz)
Typical Applications (Continued)
R1
R2
V+
50pF (NOTE)
BAL
IBIAS
VREF
VO
1
R2
R1
-------



VREF
+
=
+
HA-2600
-
FEATURES:
1. Minimum bias current in reference cell.
2. Short Circuit Protection.
+15V
IN
OUT
50pF (NOTE)
+
-15V
HA-2600
-
FEATURES
1.
ZIN = 1012Ω (Min).
2.
ZOUT = 0.01Ω (Max), B.W. = 12MHz (Typ).
3.
Slew Rate = 4V/
µs (Min), Output Swing = ±10V (Min) to 50kHz.
15
10
5
0
-5
-10
-15
-50
-25
0
25
50
75
100 125
TEMPERATURE (°C)
BIAS
OFFSET
100
10
1
0.1
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
UPPER 3dB FREQUENCY
(LOWER 3dB FREQUENCY = 10Hz)
10k
Ω SOURCE
0
Ω SOURCE
THERMAL NOISE
EQUIVALENT INPUT
NOISE vs BANDWIDTH
OF 10K RESISTOR
RESISTANCE
RESISTANCE
120
80
20
-20
10Hz
FREQUENCY
100
60
40
0
100Hz
1kHz
10kHz 100kHz 1MHz 10MHz 100MHz
GAIN
PHASE
0
100
20
60
180
140
TEMPERATURE (°C)
0
-35
5
45
105
125
1000
800
600
400
200
-55
25
-15
65
85
HA-2600


Similar Part No. - HA2-2600-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2-2600-2 INTERSIL-HA2-2600-2 Datasheet
110Kb / 7P
   12MHz, High Input Impedance Operational Amplifiers
September 1998
logo
Renesas Technology Corp
HA2-2600-2 RENESAS-HA2-2600-2 Datasheet
381Kb / 9P
   12MHz, High Input Impedance Operational Amplifier
January 16, 2006
More results

Similar Description - HA2-2600-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-2505 RENESAS-HA-2505 Datasheet
481Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2505 INTERSIL-HA-2505_03 Datasheet
328Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
logo
Renesas Technology Corp
HA-2515 RENESAS-HA-2515 Datasheet
489Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2515 INTERSIL-HA-2515 Datasheet
209Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
logo
Renesas Technology Corp
HA-2600 RENESAS-HA-2600 Datasheet
381Kb / 9P
   12MHz, High Input Impedance Operational Amplifier
January 16, 2006
logo
Intersil Corporation
HA-2505 INTERSIL-HA-2505 Datasheet
93Kb / 8P
   12MHz, High Input Impedance, Operational Amplifier
May 1999
HA-2600 INTERSIL-HA-2600 Datasheet
110Kb / 7P
   12MHz, High Input Impedance Operational Amplifiers
September 1998
EL5220TILZ-T13 INTERSIL-EL5220TILZ-T13 Datasheet
384Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
May 4, 2010
EL5420T INTERSIL-EL5420T Datasheet
470Kb / 17P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5220T RENESAS-EL5220T Datasheet
813Kb / 15P
   12MHz Rail-to-Rail Input-Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com