Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2645 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA-2645
Description  4MHz, High Supply Voltage Operational Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2645 Datasheet(HTML) 2 Page - Intersil Corporation

  HA-2645 Datasheet HTML 1Page - Intersil Corporation HA-2645 Datasheet HTML 2Page - Intersil Corporation HA-2645 Datasheet HTML 3Page - Intersil Corporation HA-2645 Datasheet HTML 4Page - Intersil Corporation HA-2645 Datasheet HTML 5Page - Intersil Corporation HA-2645 Datasheet HTML 6Page - Intersil Corporation HA-2645 Datasheet HTML 7Page - Intersil Corporation HA-2645 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FN2904.5
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . 100V
Differential Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . 37V
Output Current . . . . . . . . . . . . . . . . . . . . Full Short Circuit Protection
Operating Conditions
Temperature Range
HA-2640-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
HA-2645-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
CERDIP Package. . . . . . . . . . . . . . . . .
135
50
Metal Can Package . . . . . . . . . . . . . . .
165
80
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . 175oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θ
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = ±40V, RL = 5kΩ, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
HA-2640-2
HA-2645-5
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
INPUT CHARACTERISTICS
Offset Voltage
25
-
2
4
-
2
6
mV
Full
-
6
-
-
7
mV
Average Offset Voltage Drift
Full
-
15
-
-
15
-
µV/oC
Bias Current
25
-
10
25
-
12
30
nA
Full
-
-
50
-
-
50
nA
Offset Current
25
-
5
12
-
15
30
nA
Full
-
-
35
-
-
50
nA
Input Resistance (Note 2)
25
50
250
-
40
200
-
M
Common Mode Range
Full
±35
-
-
±35
-
-
V
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain
VOUT = ±30V
25
100
200
-
100
200
-
kV/V
Full
75
--
75
--
kV/V
Common Mode Rejection Ratio
VCM = ±20V
Full
80
100
-
74
100
-
dB
Minimum Stable Gain
25
1
-
-
1
-
-
V/V
Unity Gain Bandwidth
VOUT = 90mV
25
-
4
-
-
4
-
MHz
OUTPUT CHARACTERISTICS
Output Voltage Swing
Full
±35
-
-
±35
-
-
V
Output Current
RL = 1kΩ
25
±12
±15
-
±10
±12
-
mA
Output Resistance
Open Loop
25
-
500
-
-
500
-
Full Power Bandwidth (Note 3)
VOUT = ±35V
25
-
23
-
-
23
-
kHz
TRANSIENT RESPONSE AV = +1, CL = 50pF, RL = 5kΩ
Rise Time
VOUT = ±200mV
25
-
60
135
-
60
135
ns
Overshoot
VOUT = ±200mV
25
-
15
30
15
40
%
Slew Rate
25
±3
±5-
±2.5
±5-
V/
µs
POWER SUPPLY CHARACTERISTICS
Supply Current
25
-
3.2
3.8
-
3.2
4.5
mA
Supply Voltage Range
Full
±10
-
±40
±10
-
±40
V
Power Supply Rejection Ratio
VS = ±10V to ±40V
Full
80
90
-
74
90
-
dB
NOTES:
2. This parameter is based upon design calculations.
3. Full Power Bandwidth guaranteed based upon slew rate measurement: FPBW = S.R./2
πV
PEAK; VPEAK = 35V.
HA-2640, HA-2645


Similar Part No. - HA-2645

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2645 INTERSIL-HA-2645 Datasheet
89Kb / 6P
   4MHz, High Supply Voltage Operational Amplifiers
September 1998
More results

Similar Description - HA-2645

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2640 INTERSIL-HA-2640 Datasheet
89Kb / 6P
   4MHz, High Supply Voltage Operational Amplifiers
September 1998
logo
Renesas Technology Corp
HA-2640 RENESAS-HA-2640 Datasheet
577Kb / 9P
   4MHz, High Supply Voltage Operational Amplifiers
August 7, 2015
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
[Old version datasheet]   High Voltage OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002 Datasheet
699Kb / 14P
   High Supply Voltage 220MHz Unity-Gain Stable Operational Amplifiers
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
NEC
UPC4742 NEC-UPC4742 Datasheet
84Kb / 12P
   SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
   High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
   High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com