Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2525-5Z Datasheet(PDF) 3 Page - Intersil Corporation

Part # 2525-5Z
Description  20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

2525-5Z Datasheet(HTML) 3 Page - Intersil Corporation

  2525-5Z Datasheet HTML 1Page - Intersil Corporation 2525-5Z Datasheet HTML 2Page - Intersil Corporation 2525-5Z Datasheet HTML 3Page - Intersil Corporation 2525-5Z Datasheet HTML 4Page - Intersil Corporation 2525-5Z Datasheet HTML 5Page - Intersil Corporation 2525-5Z Datasheet HTML 6Page - Intersil Corporation 2525-5Z Datasheet HTML 7Page - Intersil Corporation 2525-5Z Datasheet HTML 8Page - Intersil Corporation 2525-5Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN2894.8
November 15, 2006
POWER SUPPLY CHARACTERISTICS
Supply Current
25
-
4
6
-
4
6
-
4
6
mA
Power Supply Rejection Ratio (Note 9)
Full
80
90
-
74
90
-
74
90
-
dB
NOTES:
2. This parameter value is based on design calculations.
3. RL = 2kΩ.
4. VCM = ±10V.
5. AV > 10.
6. VO = ±10.0V.
7. CL = 50pF.
8. VO = ±200mV.
9. DV = ±5.0V.
10. See Transient Response Test Circuits and Waveforms.
11. Full Power Bandwidth guaranteed based on slew rate measurement using:
.
12. VOUT = ±5V.
Electrical Specifications
VSUPPLY = ±15V (Continued)
PARAMETER
TEMP
(
°C)
HA-2520-2
HA-2522-2
HA-2525-5
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
FPBW
Slew Rate
2
πV
PEAK
-----------------------------
=
Test Circuits and Waveforms
FIGURE 1. SLEW RATE AND SETTLING TIME
NOTE: Measured on both positive and negative transitions from 0V
to +200mV and 0V to -200mV at the output.
FIGURE 2. TRANSIENT RESPONSE
FIGURE 3. SLEW RATE AND TRANSIENT RESPONSE
NOTES:
13. AV = -3.
14. Feedback and summing resistor ratios should be 0.1% matched.
15. Clipping diodes CR1 and CR2 are optional. HP5082-2810
recommended.
FIGURE 4. SETTLING TIME TEST CIRCUIT
+1.67V
INPUT
+5V
75%
OUTPUT
25%
ERROR BAND
±10mV FROM
FINAL VALUE
Δt
SLEW
=
ΔV/Δt
-1.67V
SETTLING
TIME
ΔV
-5V
RATE
INPUT
90%
OUTPUT
10%
0V
RISE TIME
±67mV
0V
±200mV
OVERSHOOT
OUT
IN
+
1333
Ω
50pF
-
667
Ω
5pF
OUTPUT
INPUT
667.2
Ω
1667
Ω
2
3
4
6
7
100pF
V+
V-
D
G
S
2N4416
CR1
CR2
SETTLING TIME
TEST POINT
1
μF
0.001
μF
1
μF
0.001
μF
2001
Ω
4999.9
Ω
2000
Ω
+
-
HA-2520, HA-2522, HA-2525


Similar Part No. - 2525-5Z

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2525 ALLEGRO-2525 Datasheet
201Kb / 12P
   USB POWER CONTROL SWITCHES
logo
Heyco.
2525 HEYCO-2525 Datasheet
91Kb / 1P
   Feets of Strength
logo
Wurth Elektronik GmbH &...
2525020210002 WURTH-2525020210002 Datasheet
729Kb / 8P
   WSEN-HIDS Humidity sensor with integrated temperature sensor
001.001
logo
Integrated Technology F...
252508B ITF-252508B Datasheet
172Kb / 2P
   185.0 MHz SAW Filter
252509B ITF-252509B Datasheet
192Kb / 2P
   165.0 MHz SAW Filter
More results

Similar Description - 2525-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
logo
Intersil Corporation
HA-2529 INTERSIL-HA-2529 Datasheet
401Kb / 8P
   20MHz, High Input Impedance, High Slew Rate Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-2620 INTERSIL-HA-2620 Datasheet
120Kb / 10P
   100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers
November 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com