Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA7-5135-5 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA7-5135-5
Description  2.5MHz, Precision Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7-5135-5 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HA7-5135-5 Datasheet HTML 2Page - Intersil Corporation HA7-5135-5 Datasheet HTML 3Page - Intersil Corporation HA7-5135-5 Datasheet HTML 4Page - Intersil Corporation HA7-5135-5 Datasheet HTML 5Page - Intersil Corporation HA7-5135-5 Datasheet HTML 6Page - Intersil Corporation HA7-5135-5 Datasheet HTML 7Page - Intersil Corporation HA7-5135-5 Datasheet HTML 8Page - Intersil Corporation HA7-5135-5 Datasheet HTML 9Page - Intersil Corporation HA7-5135-5 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FIGURE 9. HA-5135 OFFSET VOLTAGE STABILITY vs TIME
FIGURE 10. INPUT NOISE vs FREQUENCY
FIGURE 11. OPEN LOOP FREQUENCY RESPONSE
FIGURE 12. CLOSED LOOP FREQUENCY RESPONSE
FIGURE 13. SMALL SIGNAL BANDWIDTH AND PHASE
MARGIN vs LOAD CAPACITANCE
FIGURE 14. OUTPUT VOLTAGE SWING vs FREQUENCY
Typical Performance Curves (Continued)
10
5
0
-5
-10
26
30
TIME (DAYS)
VSUPPLY = ±15V
20
4
TC = ±1
oC, A
V = 1000
MEASUREMENT AND ENVIRONMENTAL
SYSTEMS ALLOWED 12 HOUR
STABILIZATION PERIOD
810
40
FREQUENCY (Hz)
14
12
10
10
10K
100
1K
NOISE VOLTAGE
NOISE CURRENT
8
6
4
2
0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
100K
FREQUENCY (Hz)
100K
10M
1K
100
10
160
140
120
100
-20
0
20
40
60
80
PHASE ANGLE
GAIN
1
10K
1M
0
45
90
135
180
FREQUENCY (Hz)
80
0
10
20
30
40
50
60
70
-10
100K
10M
1K
100
10
1
10K
1M
LOAD CAPACITANCE (pF)
10,000
100
10
60
1000
PHASE MARGIN
BANDWIDTH
50
40
30
20
10
0
2.6
2.5
2.4
2.35
10
20
35
RL = 2kΩ
VSUPPLY = ±20V
25
15
5
30
VSUPPLY = ±15V
VSUPPLY = ±10V
VSUPPLY = ±5V
FREQUENCY (Hz)
100K
1K
100
10K
1M
HA-5135


Similar Part No. - HA7-5135-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA7-5135-5 INTERSIL-HA7-5135-5 Datasheet
116Kb / 9P
   2.5MHz, Precision Operational Amplifier
April 1999
logo
Renesas Technology Corp
HA7-5135-5 RENESAS-HA7-5135-5 Datasheet
315Kb / 10P
   2.5MHz, Precision Operational Amplifier
January 2004
More results

Similar Description - HA7-5135-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5135 INTERSIL-HA-5135 Datasheet
116Kb / 9P
   2.5MHz, Precision Operational Amplifier
April 1999
logo
Renesas Technology Corp
HA-5135 RENESAS-HA-5135 Datasheet
315Kb / 10P
   2.5MHz, Precision Operational Amplifier
January 2004
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com