Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-5177 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA-5177
Description  2MHz, Ultra-Low Offset Voltage Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5177 Datasheet(HTML) 1 Page - Intersil Corporation

  HA-5177_98 Datasheet HTML 1Page - Intersil Corporation HA-5177_98 Datasheet HTML 2Page - Intersil Corporation HA-5177_98 Datasheet HTML 3Page - Intersil Corporation HA-5177_98 Datasheet HTML 4Page - Intersil Corporation HA-5177_98 Datasheet HTML 5Page - Intersil Corporation HA-5177_98 Datasheet HTML 6Page - Intersil Corporation HA-5177_98 Datasheet HTML 7Page - Intersil Corporation HA-5177_98 Datasheet HTML 8Page - Intersil Corporation HA-5177_98 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
HA-5177
2MHz, Ultra-Low Offset Voltage
Operational Amplifier
The HA-5177 is an all bipolar, precision operational
amplifier, utilizing Harris dielectric isolation and advance
processing techniques. This design features a combination
of precision input characteristics, wide bandwidth (2MHz)
and high speed (0.8V/
µs).
The HA-5177 uses advanced matching techniques and laser
trimming to produce low offset voltage (20
µV) and low offset
voltage drift (0.2
µV/oC). This design also features low
voltage noise (9.0nV/
√Hz), low current noise (1.2pA/√Hz),
nanoamp input currents, and 120dB minimum gain.
These outstanding features along with high CMRR (140dB)
and high PSRR (135dB) make this unity gain stable amplifier
ideal for high resolution data acquisition systems, precision
integrators, and low level transducer amplifiers.
The HA-5177 can be used as a direct replacement for the
OP05, OP07, and OP77 while offering higher bandwidth and
slew rate. See the HA-5177/883 data sheet for military grade
parts and LCC package.
HA-5177
(PDIP, CERDIP)
TOP VIEW
Features
• Low Offset Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . 20
µV
• Low Offset Voltage Drift . . . . . . . . . . . . . . . . . . . 0.2
µV/oC
• High Voltage Gain . . . . . . . . . . . . . . . . . . . . . . . . . . 150dB
• High CMRR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 140dB
• High PSRR. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 135dB
• Low Noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9.0nV/
√Hz
• Low Power Consumption . . . . . . . . . . . . . . . .51mW (Max)
Applications
• High Gain Instrumentation Amplifiers
• Precision Control Systems
• Precision Integrators
• High Resolution Data Converters
• Precision Threshold Detectors
• Low Level Transducer Amplifiers
1
2
3
4
8
7
6
5
V+
OUT
BAL
V-
+
BAL
NC
-IN
+IN
-
Part Number Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA3-5177-5
0 to 75
8 Ld PDIP
E8.3
HA7-5177-5
0 to 75
8 Ld CERDIP
F8.3A
September 1998
File Number
2913.3
OBS
OLE
TE P
ROD
UCT
See
HA-5
127A
, HA
-513
5
cont
act o
ur T
echn
ical
Sup
port
Cen
ter a
t
1-88
8-IN
TER
SIL
or w
ww.
inte
rsil.c
om/t
sc


Similar Part No. - HA-5177_98

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5177/883 INTERSIL-HA-5177/883 Datasheet
136Kb / 5P
   Ultra Low Offset Voltage Operational Amplifier
HA-5177883 INTERSIL-HA-5177883 Datasheet
35Kb / 5P
   Ultra Low Offset Voltage Operational Amplifier
July 1994
HA-5177 INTERSIL-HA-5177_04 Datasheet
136Kb / 5P
   Ultra Low Offset Voltage Operational Amplifier
More results

Similar Description - HA-5177_98

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5177 INTERSIL-HA-5177_04 Datasheet
136Kb / 5P
   Ultra Low Offset Voltage Operational Amplifier
logo
Advanced Monolithic Sys...
AMSOP-77 ADMOS-AMSOP-77 Datasheet
70Kb / 7P
   ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
   Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
logo
Advanced Monolithic Sys...
AMSOP-77 ADMOS-AMSOP-77 Datasheet
76Kb / 7P
   ULTRA LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5177 INTERSIL-HA-5177 Datasheet
35Kb / 5P
   Ultra Low Offset Voltage Operational Amplifier
July 1994
logo
Maxim Integrated Produc...
MAX400 MAXIM-MAX400_V01 Datasheet
225Kb / 6P
   Ultra-Low Offset Voltage Operational Amplifier
2005
logo
New Japan Radio
NJMOP-07 NJRC-NJMOP-07 Datasheet
197Kb / 6P
   ULTRA-LOW OFFSET VOLTAGE, LOW DRIFT OPERATIONAL AMPLIFIER
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
   LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
   Low Offset Voltage Operational Amplifier
Rev 1; 8/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com