Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA7-5147R5254 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HA7-5147R5254
Description  120MHz, Ultra-Low Noise Precision Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7-5147R5254 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HA7-5147R5254 Datasheet HTML 2Page - Intersil Corporation HA7-5147R5254 Datasheet HTML 3Page - Intersil Corporation HA7-5147R5254 Datasheet HTML 4Page - Intersil Corporation HA7-5147R5254 Datasheet HTML 5Page - Intersil Corporation HA7-5147R5254 Datasheet HTML 6Page - Intersil Corporation HA7-5147R5254 Datasheet HTML 7Page - Intersil Corporation HA7-5147R5254 Datasheet HTML 8Page - Intersil Corporation HA7-5147R5254 Datasheet HTML 9Page - Intersil Corporation HA7-5147R5254 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Application Information
FIGURE 3. SUGGESTED OFFSET VOLTAGE ADJUSTMENT
NOTE: Low resistances are preferred for low noise applications as a 1k
Ω resistor has 4nV/√Hz of thermal noise. Total resistances of greater than
10k
Ω on either input can reduce stability. In most high resistance applications, a few picofarads of capacitance across the feedback resistor will
improve stability.
FIGURE 4. SUGGESTED STABILITY CIRCUITS
2
4
6
1
3
7
5
8
+
V+
10K
RP
-
NOTE: Tested Offset Adjustment
Range is |VOS +1mV| minimum re-
ferred to output. Typical range is
±4mV
with RP = 10kΩ.
+
R1
CS
R3
R2
+
R1
R2
R3
CS
-
-
Typical Performance Curves TA = 25oC, VSUPPLY = ±15V, Unless Otherwise Specified
FIGURE 5. TYPICAL OFFSET VOLTAGE vs TEMPERATURE
FIGURE 6. NOISE CHARACTERISTICS
TEMPERATURE (oC)
-60
-40
-20
0
20
40
60
80
120
100
-60
-50
-40
-30
-20
-10
0
10
30
20
VS = ±15V, TA = 25oC
NOISE VOLTAGE
NOISE CURRENT
1M
100K
10K
1K
100
10
1
FREQUENCY (Hz)
0
2
4
6
8
10
12
0
1
2
3
4
5
6
HA-5147


Similar Part No. - HA7-5147R5254

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA7-5147R5254 RENESAS-HA7-5147R5254 Datasheet
757Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
November 6, 2015
More results

Similar Description - HA7-5147R5254

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147 Datasheet
559Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
April 2000
logo
Renesas Technology Corp
HA-5147 RENESAS-HA-5147 Datasheet
757Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
November 6, 2015
logo
Texas Instruments
OPA27CZ TI-OPA27CZ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA27FJ TI-OPA27FJ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA27 BURR-BROWN-OPA27 Datasheet
368Kb / 18P
   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA37CJ TI1-OPA37CJ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com