Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA9P5127-5Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA9P5127-5Z
Description  8.5MHz, Ultra-Low Noise Precision Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA9P5127-5Z Datasheet(HTML) 5 Page - Intersil Corporation

  HA9P5127-5Z Datasheet HTML 1Page - Intersil Corporation HA9P5127-5Z Datasheet HTML 2Page - Intersil Corporation HA9P5127-5Z Datasheet HTML 3Page - Intersil Corporation HA9P5127-5Z Datasheet HTML 4Page - Intersil Corporation HA9P5127-5Z Datasheet HTML 5Page - Intersil Corporation HA9P5127-5Z Datasheet HTML 6Page - Intersil Corporation HA9P5127-5Z Datasheet HTML 7Page - Intersil Corporation HA9P5127-5Z Datasheet HTML 8Page - Intersil Corporation HA9P5127-5Z Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN2906.6
July 27, 2005
Application Information
FIGURE 3. SUGGESTED OFFSET VOLTAGE ADJUSTMENT
Low resistances are preferred for low noise applications as a 1k
Ω resistor has 4nV/√Hz of thermal noise. Total resistances of greater than 10kΩ on either
input can reduce stability. In most high resistance applications, a few picofarads of capacitance across the feedback resistor will improve stability.
FIGURE 4. SUGGESTED STABILITY CIRCUITS
Typical Performance Curves Unless Otherwise Specified: TA = 25oC, VSUPPLY = ±15V
FIGURE 5. TYPICAL OFFSET VOLTAGE DRIFT vs TEMPERATURE
FIGURE 6. NOISE CHARACTERISTICS
NOTE: Tested Offset Adjustment Range is |VOS + 1mV| minimum referred to output. Typical range is ±4mV with RT = 10kΩ.
1
2
3
4
8
7
6
5
+
-
RT
10K
V+
R1
C3
R2
R3
R1
CS
R2
R3
+
-
+
-
30
20
10
0
-10
-20
-30
-40
-50
-60
-60
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (oC)
12
10
8
6
4
2
0
1
10
100
1K
10K
100K
1M
6
5
4
3
2
1
0
NOISE VOLTAGE
NOISE CURRENT
FREQUENCY (Hz)
HA-5127, HA-5127A


Similar Part No. - HA9P5127-5Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA9P5127-5Z RENESAS-HA9P5127-5Z Datasheet
1Mb / 12P
   8.5MHz, Ultra-Low Noise Precision Operational Amplifier
November 29, 2011
HA9P5127-5ZX96 RENESAS-HA9P5127-5ZX96 Datasheet
1Mb / 12P
   8.5MHz, Ultra-Low Noise Precision Operational Amplifier
November 29, 2011
More results

Similar Description - HA9P5127-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5127 INTERSIL-HA-5127 Datasheet
570Kb / 9P
   8.5MHz, Ultra-Low Noise Precision Operational Amplifier
September 1998
logo
Renesas Technology Corp
HA-5127 RENESAS-HA-5127 Datasheet
1Mb / 12P
   8.5MHz, Ultra-Low Noise Precision Operational Amplifier
November 29, 2011
logo
Intersil Corporation
HA-5127883 INTERSIL-HA-5127883_06 Datasheet
193Kb / 6P
   Ultra Low Noise, Precision Operational Amplifier
HA-5127883 INTERSIL-HA-5127883 Datasheet
124Kb / 5P
   Ultra Low Noise, Precision Operational Amplifier
HA-5137 INTERSIL-HA-5137 Datasheet
100Kb / 8P
   60MHz, Ultra Low Noise, Precision Operational Amplifier
June 1998
logo
Renesas Technology Corp
HA-5137A RENESAS-HA-5137A Datasheet
883Kb / 9P
   63MHz, Ultra-Low Noise Precision Operational Amplifier
April 2000
logo
Intersil Corporation
HA-5137A INTERSIL-HA-5137A Datasheet
534Kb / 9P
   63MHz, Ultra-Low Noise Precision Operational Amplifier
April 2000
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com