Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA9P5127-5ZX96 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA9P5127-5ZX96
Description  8.5MHz, Ultra-Low Noise Precision Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA9P5127-5ZX96 Datasheet(HTML) 2 Page - Intersil Corporation

  HA9P5127-5ZX96 Datasheet HTML 1Page - Intersil Corporation HA9P5127-5ZX96 Datasheet HTML 2Page - Intersil Corporation HA9P5127-5ZX96 Datasheet HTML 3Page - Intersil Corporation HA9P5127-5ZX96 Datasheet HTML 4Page - Intersil Corporation HA9P5127-5ZX96 Datasheet HTML 5Page - Intersil Corporation HA9P5127-5ZX96 Datasheet HTML 6Page - Intersil Corporation HA9P5127-5ZX96 Datasheet HTML 7Page - Intersil Corporation HA9P5127-5ZX96 Datasheet HTML 8Page - Intersil Corporation HA9P5127-5ZX96 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FN2906.6
July 27, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage Between V+ and V- Terminals . . . . . . . . . . . . . 44V
Differential Input Voltage (Note 3) . . . . . . . . . . . . . . . . . . . . . . . 0.7V
Output Current . . . . . . . . . . . . . . . . . . . . Full Short Circuit Protection
Operating Conditions
Temperature Range
HA5127/27A-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
CERDIP Package. . . . . . . . . . . . . . . . . . .
115
28
SOIC Package . . . . . . . . . . . . . . . . . . . . .
157
N/A
Maximum Junction Temperature (Ceramic Package, Note 1). . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Maximum power dissipation, including output load must be designed to maintain the maximum junction temperature below 175oC for Hermetic
packages, and below 150oC for the plastic packages.
2.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
3. For differential input voltages greater than 0.7V, the input current must be limited to 25mA to protect the back-to-back input diodes.
Electrical Specifications
VSUPPLY = ±15V, CL < 50pF, RS < 100Ω
PARAMETER
TEST CONDITIONS
TEMP.
(oC)
HA-5127A
HA-5127
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
INPUT CHARACTERISTICS
Offset Voltage
25
-
10
25
-
30
100
µV
Full
-
30
60
-
70
300
µV
Average Offset Voltage Drift
Full
-
0.2
0.6
-
0.4
1.8
µV/oC
Bias Current
25
-
±10
±40
-
±15
±80
nA
Full
-
±20
±60
-
±35
±150
nA
Offset Current
25
-
7
35
-
12
75
nA
Full
-
15
50
-
30
135
nA
Common Mode Range
Full
±10.3
±11.5
-
±10.3
±11.5
-
V
Differential Input Resistance (Note 4)
25
1.5
6
-
0.8
4
-
M
Input Noise Voltage (Note 5)
0.1Hz to 10Hz
25
-
0.08
0.18
-
0.09
0.25
µVP-P
Input Noise Voltage Density
(Note 6)
f = 10Hz
25
-
3.5
8.0
-
3.8
8.0
nV/
√Hz
f = 100Hz
-
3.1
4.5
-
3.3
4.5
nV/
√Hz
f = 1000Hz
-
3.0
3.8
-
3.2
3.8
nV/
√Hz
Input Noise Current Density
(Note 6)
f = 10Hz
25
-
1.7
4.0
-
1.7
-
pA/
√Hz
f = 100Hz
-
1.0
2.3
-
1.0
-
pA/
√Hz
f = 1000Hz
-
0.4
0.6
-
0.4
0.6
pA/
√Hz
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain
VOUT = ±10V, RL = 2kΩ
25
1000
1800
-
700
1500
-
V/mV
Full
600
1200
-
300
800
-
V/mV
Common Mode Rejection Ratio
VCM = ±10V
Full
114
126
-
100
120
-
dB
Minimum Stable Gain
25
1
-
-
1
-
-
V/V
Unity-Gain-Bandwidth
25
5
8.5
-
5
8.5
-
MHz
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 600Ω
25
±10.0
±11.5
-
±10.0
±11.5
-
V
RL = 2kΩ
Full
±11.7
±13.8
-
±11.5
±13.5
-
V
Full Power Bandwidth (Note 7)
25
111
160
-
111
160
-
kHz
Output Resistance
Open Loop
25
-
70
-
-
70
-
Output Current
25
16.5
25
-
16.5
25
-
mA
TRANSIENT RESPONSE (Note 8)
Rise Time
25
-
-
150
-
-
150
ns
HA-5127, HA-5127A


Similar Part No. - HA9P5127-5ZX96

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA9P5127-5ZX96 RENESAS-HA9P5127-5ZX96 Datasheet
1Mb / 12P
   8.5MHz, Ultra-Low Noise Precision Operational Amplifier
November 29, 2011
More results

Similar Description - HA9P5127-5ZX96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5127 INTERSIL-HA-5127 Datasheet
570Kb / 9P
   8.5MHz, Ultra-Low Noise Precision Operational Amplifier
September 1998
logo
Renesas Technology Corp
HA-5127 RENESAS-HA-5127 Datasheet
1Mb / 12P
   8.5MHz, Ultra-Low Noise Precision Operational Amplifier
November 29, 2011
logo
Intersil Corporation
HA-5127883 INTERSIL-HA-5127883_06 Datasheet
193Kb / 6P
   Ultra Low Noise, Precision Operational Amplifier
HA-5127883 INTERSIL-HA-5127883 Datasheet
124Kb / 5P
   Ultra Low Noise, Precision Operational Amplifier
HA-5137 INTERSIL-HA-5137 Datasheet
100Kb / 8P
   60MHz, Ultra Low Noise, Precision Operational Amplifier
June 1998
logo
Renesas Technology Corp
HA-5137A RENESAS-HA-5137A Datasheet
883Kb / 9P
   63MHz, Ultra-Low Noise Precision Operational Amplifier
April 2000
logo
Intersil Corporation
HA-5137A INTERSIL-HA-5137A Datasheet
534Kb / 9P
   63MHz, Ultra-Low Noise Precision Operational Amplifier
April 2000
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com