Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7611 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL7611
Description  1.4MHz, Low Power CMOS Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7611 Datasheet(HTML) 4 Page - Intersil Corporation

  ICL7611_06 Datasheet HTML 1Page - Intersil Corporation ICL7611_06 Datasheet HTML 2Page - Intersil Corporation ICL7611_06 Datasheet HTML 3Page - Intersil Corporation ICL7611_06 Datasheet HTML 4Page - Intersil Corporation ICL7611_06 Datasheet HTML 5Page - Intersil Corporation ICL7611_06 Datasheet HTML 6Page - Intersil Corporation ICL7611_06 Datasheet HTML 7Page - Intersil Corporation ICL7611_06 Datasheet HTML 8Page - Intersil Corporation ICL7611_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN2919.8
September 27, 2006
Unity Gain Bandwidth
GBW
IQ = 10μA
+25
-
0.044
-
-
0.044
-
MHz
IQ = 100μA
+25
-0.48
-
-0.48
-
MHz
IQ = 1mA
+25
-
1.4
-
-
1.4
-
MHz
Input Resistance
RIN
+25
-
1012
--
1012
-
Ω
Common Mode
Rejection Ratio
CMRR
RS ≤ 100kΩ, IQ = 10μA
+25
70
96
-
70
96
-
dB
RS ≤ 100kΩ, IQ = 100μA
+25
70
91
-
70
91
-
dB
RS ≤ 100kΩ, IQ = 1mA
+25
60
87
-
60
87
-
dB
Power Supply
Rejection Ratio
(VSUPPLY = ±8V to ±2V)
PSRR
RS ≤ 100kΩ, IQ = 10μA
+25
80
94
-
80
94
-
dB
RS ≤ 100kΩ, IQ = 100μA
+25
80
86
-
80
86
-
dB
RS ≤ 100kΩ, IQ = 1mA
+25
70
77
-
70
77
-
dB
Input Referred Noise
Voltage
eN
RS = 100Ω, f = 1kHz
+25
-
100
-
-
100
-
nV/
√Hz
Input Referred Noise
Current
iN
RS = 100Ω, f = 1kHz
+25
-
0.01
-
-
0.01
-
pA/
√Hz
Supply Current
(No Signal, No Load)
ISUPPLY
IQ SET = +5V, Low Bias
+25
-
0.01
0.02
-
0.01
0.02
mA
IQ SET = 0V,
Medium Bias
+25
-
0.1
0.25
-
0.1
0.25
mA
IQ SET = -5V, High Bias
+25
-
1.0
2.5
-
1.0
2.5
mA
Channel Separation
VO1/VO2
AV = 100
+25
-
120
-
-
120
-
dB
Slew Rate
(AV = 1, CL = 100pF,
VIN = 8VP-P)
SR
IQ = 10μA, RL = 1MΩ
+25
-
0.016
-
-
0.016
-
V/
μs
IQ = 100μA, RL = 100kΩ
+25
-
0.16
-
-
0.16
-
V/
μs
IQ = 1mA, RL = 10kΩ
+25
-
1.6
-
-
1.6
-
V/
μs
Rise Time
(VIN = 50mV,
CL = 100pF)
tr
IQ = 10μA, RL = 1MΩ
+25
-
20
-
-
20
-
μs
IQ = 100μA, RL = 100kΩ
+25
-
2
-
-
2
-
μs
IQ = 1mA, RL = 10kΩ
+25
-
0.9
-
-
0.9
-
μs
Overshoot Factor
(VIN = 50mV,
CL = 100pF)
OS
IQ = 10μA, RL = 1MΩ
+25
-
5
-
-
5
-
%
IQ = 100μA, RL = 100kΩ
+25
-
10
-
-
10
-
%
IQ = 1mA, RL = 10kΩ
+25
-
40
-
-
40
-
%
Electrical Specifications
VSUPPLY = ±5V, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
TEMP (°C)
ICL7612B
ICL7611D, ICL7612D
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Electrical Specifications
VSUPPLY = ±1V, IQ = 10μA, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
TEMP
(°C)
ICL7612B
UNITS
MIN
TYP
MAX
Input Offset Voltage
VOS
RS ≤ 100kΩ
+25
-
-
5
mV
Full
-
-
7
mV
Temperature Coefficient of VOS
ΔVOS/ΔTRS ≤ 100kΩ
--
15
-
μV/°C
Input Offset Current
IOS
+25
-
0.5
30
pA
Full
-
-
300
pA
Input Bias Current
IBIAS
+25
-
1.0
50
pA
Full
-
-
500
pA
Extended Common Mode
Voltage Range
VCMR
+25
+0.6 to
-1.1
--
V
Output Voltage Swing
VOUT
RL = 1MΩ
+25
±0.98
-
-
V
Full
±0.96
-
-
V
ICL7611, ICL7612


Similar Part No. - ICL7611_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
More results

Similar Description - ICL7611_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7611 RENESAS-ICL7611 Datasheet
604Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611 Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Rohm
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
logo
STMicroelectronics
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
   Low-power CMOS dual operational amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com