Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA-1318 Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part # SPA-1318
Description  2150 MHz 1 Watt Power Amplifier with Active Bias
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SPA-1318 Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

  SPA-1318 Datasheet HTML 1Page - SIRENZA MICRODEVICES SPA-1318 Datasheet HTML 2Page - SIRENZA MICRODEVICES SPA-1318 Datasheet HTML 3Page - SIRENZA MICRODEVICES SPA-1318 Datasheet HTML 4Page - SIRENZA MICRODEVICES SPA-1318 Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SPA-1318 2150 MHz 1 Watt Power Amp.
EDS-101429 Rev I
Phone: (800) SMI-MMIC
http://www.sirenza.com
303 S. Technology Ct., Broomfield, CO 80021
8
9
10
11
12
13
14
2.11
2.12
2.13
2.14
2.15
2.16
2.17
25C
85C
-40C
-65
-60
-55
-50
-45
16
17
18
19
20
21
22
-40C
85C
25C
0
50
100
150
200
250
300
350
400
450
01
23
45
25C
-40C
85C
27
28
29
30
31
32
2.11
2.12
2.13
2.14
2.15
2.16
2.17
25C
85C
-40C
-40
-35
-30
-25
-20
-15
-10
-5
0
2.11
2.12
2.13
2.14
2.15
2.16
2.17
S11
S12
S22
Device Current vs. Source Voltage
V
cc (V)
P1dB vs Frequency
GHz
2110-2170 MHz Application Circuit Data, Icc=320mA, Vcc=5V
Note: Tuned for ACP
W-CDMA @ 2.14GHz
Adj. Channel Pwr. vs. Channel Output Pwr.
dBm
GHz
Gain vs. Frequency
Input/Output Return Loss,
Isolation vs. Frequency, T=25
°°°°°C
GHz


Similar Part No. - SPA-1318

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
More results

Similar Description - SPA-1318

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-2118 SIRENZA-SPA-2118 Datasheet
215Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
RF Micro Devices
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
   850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
logo
SIRENZA MICRODEVICES
SPA-2318 SIRENZA-SPA-2318 Datasheet
201Kb / 9P
   1700-2200 MHz 1 Watt Power Amp with Active Bias
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
   5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com