Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA-2118 Datasheet(PDF) 5 Page - SIRENZA MICRODEVICES

Part # SPA-2118
Description  850 MHz 1 Watt Power Amplifier with Active Bias
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SPA-2118 Datasheet(HTML) 5 Page - SIRENZA MICRODEVICES

  SPA-2118 Datasheet HTML 1Page - SIRENZA MICRODEVICES SPA-2118 Datasheet HTML 2Page - SIRENZA MICRODEVICES SPA-2118 Datasheet HTML 3Page - SIRENZA MICRODEVICES SPA-2118 Datasheet HTML 4Page - SIRENZA MICRODEVICES SPA-2118 Datasheet HTML 5Page - SIRENZA MICRODEVICES SPA-2118 Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
EDS-102012 Rev F
Phone: (800) SMI-MMIC
http://www.sirenza.com
522 Almanor Ave., Sunnyvale, CA 94085
Preliminary
SPA-2118 850 MHz 1 Watt Power Amp.
#
n
i
Pn
o
i
t
c
n
u
Fn
o
i
t
p
i
r
c
s
e
D
1
1
c
V
s
a
n
o
it
a
r
u
g
if
n
o
c
e
h
T
.r
o
t
s
i
s
n
a
r
t
e
g
a
t
s
t
s
r
if
e
h
t
r
o
f
e
g
a
tl
o
v
y
l
p
p
u
s
e
h
t
s
i
1
C
V
.
e
c
n
a
m
r
o
f
r
e
p
F
R
m
u
m
it
p
o
r
o
f
d
e
r
i
u
q
e
r
s
i
c
it
a
m
e
h
c
s
n
o
it
a
c
il
p
p
a
n
o
n
w
o
h
s
2
s
a
i
b
V
d
e
d
n
e
m
m
o
c
e
R
.
k
r
o
w
t
e
n
s
a
i
b
e
v
it
c
a
e
h
t
r
o
f
n
i
p
l
o
r
t
n
o
c
s
a
i
b
e
h
t
s
i
s
a
i
b
V
.
c
it
a
m
e
h
c
S
n
o
it
a
c
il
p
p
A
e
h
t
n
i
n
w
o
h
s
s
i
n
o
it
a
r
u
g
if
n
o
c
3
n
I
F
R
s
a
r
o
ti
c
a
p
a
c
g
n
i
k
c
o
l
b
C
D
l
a
n
r
e
t
x
e
n
a
f
o
e
s
u
e
h
t
s
e
r
i
u
q
e
r
n
i
p
s
i
h
T
.
n
i
p
t
u
p
n
i
F
R
.
c
it
a
m
e
h
c
S
n
o
it
a
c
il
p
p
A
e
h
t
n
i
n
w
o
h
s
4
2
c
p
V
.
e
g
a
t
s
d
n
o
c
e
s
e
h
t
r
o
f
k
r
o
w
t
e
n
s
a
i
b
e
v
it
c
a
e
h
t
r
o
f
n
i
p
l
o
r
t
n
o
c
s
a
i
b
e
h
t
s
i
2
c
p
V
.
c
it
a
m
e
h
c
S
n
o
it
a
c
il
p
p
A
e
h
t
n
i
n
w
o
h
s
s
i
n
o
it
a
r
u
g
if
n
o
c
d
e
d
n
e
m
m
o
c
e
r
e
h
T
8
,
7
,
6
,
5
2
c
V
/t
u
O
F
R
l
a
n
r
e
t
x
e
n
a
h
g
u
o
r
h
t
n
i
p
s
i
h
t
o
t
d
e
il
p
p
u
s
e
b
d
l
u
o
h
s
s
a
i
B
.
n
i
p
s
a
i
b
d
n
a
t
u
p
t
u
o
F
R
r
o
ti
c
a
p
a
c
g
n
i
k
c
o
l
b
C
D
a
,
n
i
p
s
i
h
t
n
o
t
n
e
s
e
r
p
s
i
g
n
i
s
a
i
b
C
D
e
s
u
a
c
e
B
.
e
k
o
h
c
F
R
y
l
p
p
u
s
e
h
T
.
)
c
it
a
m
e
h
c
s
n
o
it
a
c
il
p
p
a
e
e
s
(
s
n
o
it
a
c
il
p
p
a
t
s
o
m
n
i
d
e
s
u
e
b
d
l
u
o
h
s
s
i
k
r
o
w
t
e
n
g
n
i
h
c
t
a
m
t
u
p
t
u
o
n
A
.
d
e
s
s
a
p
y
b
ll
e
w
e
b
d
l
u
o
h
s
k
r
o
w
t
e
n
s
a
i
b
e
h
t
f
o
e
d
i
s
.
e
c
n
a
m
r
o
f
r
e
p
m
u
m
it
p
o
r
o
f
y
r
a
s
s
e
c
e
n
D
A
P
E
d
n
G
e
h
t
o
t
d
e
r
e
d
l
o
s
e
b
o
t
s
d
e
e
n
e
g
a
k
c
a
p
e
h
t
f
o
e
d
i
s
m
o
tt
o
b
e
h
t
n
o
a
e
r
a
d
e
s
o
p
x
E
d
l
u
o
h
s
s
a
i
v
l
a
r
e
v
e
S
.
e
c
n
a
m
r
o
f
r
e
p
F
R
d
n
a
l
a
m
r
e
h
t
r
o
f
d
r
a
o
b
e
h
t
f
o
e
n
a
l
p
d
n
u
o
r
g
.
)
6
e
g
a
p
(
n
r
e
tt
a
p
d
n
a
l
d
e
d
n
e
m
m
o
c
e
r
e
h
t
n
i
n
w
o
h
s
s
a
D
A
P
E
e
h
t
r
e
d
n
u
d
e
t
a
c
o
l
e
b
2
3
5-8
ACTIVE BIAS
NETWORK
ACTIVE BIAS
NETWORK
2
4
1
Simplified Device Schematic
Caution: ESD sensitive
Appropriate precautions in handling, packag-
ing and testing devices must be observed.
Absolute Maximum Ratings
)
C
º
5
2
=
a
T
(
r
e
t
e
m
a
r
a
P
e
t
u
l
o
s
b
A
t
i
m
i
L
I
(
t
n
e
r
r
u
C
y
l
p
p
u
S
.
x
a
M
1
C
V
t
a
)
C
C
.
p
y
tA
m
0
5
1
I
(
t
n
e
r
r
u
C
y
l
p
p
u
S
.
x
a
M
2
C
V
t
a
)
C
C
.
p
y
tA
m
0
5
7
V
(
e
g
a
tl
o
V
e
c
i
v
e
D
.
x
a
M
C
C
I
t
a
)
c
c
.
p
y
tV
0
.
6
r
e
w
o
P
t
u
p
n
I
F
R
.
x
a
Mm
B
d
0
1
T
(
.
p
m
e
T
n
o
it
c
n
u
J
.
x
a
M
J)C
º
0
6
1
+
.
p
m
e
T
e
g
a
r
o
t
S
.
x
a
MC
º
0
5
1
+
s
ti
m
il
e
s
e
h
t
f
o
e
n
o
y
n
a
d
n
o
y
e
b
e
c
i
v
e
d
s
i
h
t
f
o
n
o
it
a
r
e
p
O
s
u
o
u
n
it
n
o
c
e
l
b
a
il
e
r
r
o
F
.
e
g
a
m
a
d
t
n
e
n
a
m
r
e
p
e
s
u
a
c
y
a
m
d
e
e
c
x
e
t
o
n
t
s
u
m
t
n
e
r
r
u
c
d
n
a
e
g
a
tl
o
v
e
c
i
v
e
d
e
h
t
,
n
o
it
a
r
e
p
o
n
o
e
l
b
a
t
e
h
t
n
i
d
e
if
i
c
e
p
s
s
e
u
l
a
v
g
n
it
a
r
e
p
o
m
u
m
i
x
a
m
e
h
t
.
e
n
o
e
g
a
p
g
n
i
w
o
ll
o
f
e
h
t
y
f
s
it
a
s
o
s
l
a
d
l
u
o
h
s
s
n
o
it
i
d
n
o
C
s
a
i
B
:
n
o
i
s
s
e
r
p
x
e
I
C
C V C
C
T
(
<
)
x
a
m
(
J
T
-
L R
/
)
h
t
l-
j,
The Moisture Sensitivity Level rating for this device is level 1
(MSL-1) based on the JEDEC 22-A113 standard classifica-
tion. No special moisture packaging/handling is required
during storage, shipment, or installation of the devices.


Similar Part No. - SPA-2118

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
More results

Similar Description - SPA-2118

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SPA-1118 SIRENZA-SPA-1118 Datasheet
109Kb / 5P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
List of Unclassifed Man...
SPA-2118 ETC-SPA-2118 Datasheet
214Kb / 6P
   850 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-2318 STANFORD-SPA-2318 Datasheet
268Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SPA-1318 SIRENZA-SPA-1318 Datasheet
88Kb / 5P
   2150 MHz 1 Watt Power Amplifier with Active Bias
SPA-1218 SIRENZA-SPA-1218 Datasheet
95Kb / 5P
   1960 MHz 1 Watt Power Amplifier with Active Bias
logo
Stanford Microdevices
SPA-1318 STANFORD-SPA-1318 Datasheet
227Kb / 6P
   2150 MHz 1 Watt Power Amplifier with Active Bias
logo
RF Micro Devices
SPA2118Z RFMD-SPA2118Z Datasheet
534Kb / 7P
   850MHz 1 WATT POWER AMPLIFIER WITH ACTIVE BIAS
logo
Stanford Microdevices
SPA-1218 STANFORD-SPA-1218 Datasheet
208Kb / 5P
   1960 MHz 1 Watt Power Amp with Active Bias
logo
SIRENZA MICRODEVICES
SPA-2318 SIRENZA-SPA-2318 Datasheet
201Kb / 9P
   1700-2200 MHz 1 Watt Power Amp with Active Bias
SZA-6044 SIRENZA-SZA-6044 Datasheet
154Kb / 6P
   5.1- 5.9 GHz 1/4 Watt Power Amplifier with Active Bias
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com