Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4093 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4093
Description  Quadruple 2-input NAND Schmitt trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4093 Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4093 Datasheet HTML 1Page - NXP Semiconductors HEF4093 Datasheet HTML 2Page - NXP Semiconductors HEF4093 Datasheet HTML 3Page - NXP Semiconductors HEF4093 Datasheet HTML 4Page - NXP Semiconductors HEF4093 Datasheet HTML 5Page - NXP Semiconductors HEF4093 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
January 1995
4
Philips Semiconductors
Product specification
Quadruple 2-input NAND Schmitt trigger
HEF4093B
gates
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
5
90
185 ns
63 ns
+ (0,55 ns/pF) CL
In → On
10
tPHL
40
80 ns
29 ns
+ (0,23 ns/pF) CL
HIGH to LOW
15
30
60 ns
22 ns
+ (0,16 ns/pF) CL
5
85
170 ns
58 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
40
80 ns
29 ns
+ (0,23 ns/pF) CL
15
30
60 ns
22 ns
+ (0,16 ns/pF) CL
Output transition times
5
60
120 ns
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60 ns
9 ns
+ (0,42 ns/pF) CL
15
20
40 ns
6 ns
+ (0,28 ns/pF) CL
5
60
120 ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60 ns
9 ns
+ (0,42 ns/pF) CL
15
20
40 ns
6 ns
+ (0,28 ns/pF) CL
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
1300 fi +∑(foCL) × VDD2
where
dissipation per
10
6400 fi +∑(foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
18 700 fi +∑(foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)


Similar Part No. - HEF4093

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4093B NXP-HEF4093B Datasheet
158Kb / 15P
   FBQuad 2-input NAND Schmitt trigger
Rev. 8-21 November 2011
HEF4093B PHILIPS-HEF4093B Datasheet
158Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF4093B NEXPERIA-HEF4093B Datasheet
220Kb / 12P
   Quad 2-input NAND Schmitt trigger
Rev. 10 - 25 February 2022
logo
NXP Semiconductors
HEF4093B-Q100 NXP-HEF4093B-Q100 Datasheet
159Kb / 14P
   Quad 2-input NAND Schmitt trigger Rev. 1 ??12 July 2012
Rev. 1-12 July 2012
logo
Nexperia B.V. All right...
HEF4093B-Q100 NEXPERIA-HEF4093B-Q100 Datasheet
219Kb / 12P
   Quad 2-input NAND Schmitt trigger
Rev. 2 - 25 February 2022
More results

Similar Description - HEF4093

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14093B HITACHI-HD14093B Datasheet
66Kb / 6P
   Quadruple 2-input NAND Schmitt Trigger
logo
Texas Instruments
74AC11132 TI1-74AC11132 Datasheet
375Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT-TRIGGER
logo
Diodes Incorporated
74LV132A DIODES-74LV132A Datasheet
297Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
logo
ON Semiconductor
MC74VHC1G132DTT1G ONSEMI-MC74VHC1G132DTT1G Datasheet
123Kb / 6P
   2-Input NAND Schmitt-Trigger
July, 2013 ??Rev. 21
MC74VHC1G135 ONSEMI-MC74VHC1G135_18 Datasheet
206Kb / 14P
   2-Input NAND Schmitt-Trigger
November, 2018 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132 Datasheet
72Kb / 6P
   2-Input NAND Schmitt-Trigger
August, 2005 ??Rev. 17
MC74VHC1G132 ONSEMI-MC74VHC1G132_V01 Datasheet
172Kb / 14P
   2-Input NAND Schmitt-Trigger
April, 2022 ??Rev. 25
MC74VHC1G132 ONSEMI-MC74VHC1G132_18 Datasheet
205Kb / 14P
   2-Input NAND Schmitt-Trigger
November, 2018 ??Rev. 22
logo
Texas Instruments
SN74HCS00 TI1-SN74HCS00 Datasheet
338Kb / 18P
[Old version datasheet]   SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00 TI-SN74HCS00_V03 Datasheet
2Mb / 31P
[Old version datasheet]   SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com