Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4094BF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HEF4094BF
Description  8-stage shift-and-store bus register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4094BF Datasheet(HTML) 2 Page - NXP Semiconductors

  HEF4094BF Datasheet HTML 1Page - NXP Semiconductors HEF4094BF Datasheet HTML 2Page - NXP Semiconductors HEF4094BF Datasheet HTML 3Page - NXP Semiconductors HEF4094BF Datasheet HTML 4Page - NXP Semiconductors HEF4094BF Datasheet HTML 5Page - NXP Semiconductors HEF4094BF Datasheet HTML 6Page - NXP Semiconductors HEF4094BF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
January 1995
2
Philips Semiconductors
Product specification
8-stage shift-and-store bus register
HEF4094B
MSI
DESCRIPTION
The HEF4094B is an 8-stage serial shift register having a
storage latch associated with each stage for strobing data
from the serial input to parallel buffered 3-state outputs
O0 to O7. The parallel outputs may be connected directly
to common bus lines. Data is shifted on positive-going
clock transitions. The data in each shift register stage is
transferred to the storage register when the strobe (STR)
input is HIGH. Data in the storage register appears at the
outputs whenever the output enable (EO) signal is HIGH.
Two serial outputs (Os and O’s) are available for cascading
a number of HEF4094B devices. Data is available at Os on
positive-going clock edges to allow high-speed operation
in cascaded systems in which the clock rise time is fast.
The same serial information is available at O’s on the next
negative-going clock edge and provides cascading
HEF4094B devices when the clock rise time is slow.
Fig.1 Functional diagram.
PINNING
FAMILY DATA, IDD LIMITS category MSI
See Family Specifications
HEF4094BP(N): 16-lead DIL; plastic
(SOT38-1)
HEF4094BD(F): 16-lead DIL; ceramic (cerdip)
(SOT74)
HEF4094BT(D): 16-lead SO; plastic
(SOT109-1)
( ): Package Designator North America
D
data input
EO
output enable input
CP
clock input
Os, O’s
serial outputs
STR
strobe input
O0 to O7
parallel outputs
Fig.2 Pinning diagram.


Similar Part No. - HEF4094BF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
HEF4094B NXP-HEF4094B Datasheet
204Kb / 20P
   8-stage shift-and-store register Rev. 11 ??29 August 2013
Rev. 11-29 August 2013
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
HEF4094B-Q100 NEXPERIA-HEF4094B-Q100 Datasheet
251Kb / 16P
   8-stage shift-and-store register
logo
NXP Semiconductors
HEF4094BP NXP-HEF4094BP Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
More results

Similar Description - HEF4094BF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
   8-Stage Shift-and-Store Bus-Register
logo
Nexperia B.V. All right...
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
   8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74HCT4094 NEXPERIA-74HCT4094 Datasheet
300Kb / 19P
   8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
logo
NXP Semiconductors
74LV4094 PHILIPS-74LV4094 Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com