Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-2026Z Datasheet(PDF) 6 Page - SIRENZA MICRODEVICES

Part # SPB-2026Z
Description  1.7-2.2GHz 2W InGaP Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SPB-2026Z Datasheet(HTML) 6 Page - SIRENZA MICRODEVICES

Back Button SPB-2026Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SPB-2026Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SPB-2026Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SPB-2026Z Datasheet HTML 5Page - SIRENZA MICRODEVICES SPB-2026Z Datasheet HTML 6Page - SIRENZA MICRODEVICES SPB-2026Z Datasheet HTML 7Page - SIRENZA MICRODEVICES SPB-2026Z Datasheet HTML 8Page - SIRENZA MICRODEVICES SPB-2026Z Datasheet HTML 9Page - SIRENZA MICRODEVICES SPB-2026Z Datasheet HTML 10Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Broomfield, CO 80021
6
EDS-105436 Rev D
SPB-2026Z 1.7-2.2 GHz 2W InGaP Amplifier
Preliminary
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
S-Parameters over Temperature (1930 - 1990MHz Application Circuit)
Typical RF Performance (1930 - 1990MHz Application Circuit)
Noise Figure vs. Frequency
1
2
3
4
5
6
7
1.93
1.94
1.95
1.96
1.97
1.98
1.99
Frequency (GHz)
25C
-40C
85C
Vdetect vs. Pout @1960MHz
0.6
0.7
0.8
0.9
1
1.1
1.2
13
15
17
19
21
23
25
27
29
31
33
Pout (dBm)
25C
-40C
85C
|S11| over Temperature
-30
-25
-20
-15
-10
-5
0
1.93
1.94
1.95
1.96
1.97
1.98
1.99
Frequency (GHz)
S11
-40C
85C
|S21| over Temperature
10
12
14
16
18
20
1.93
1.94
1.95
1.96
1.97
1.98
1.99
Frequency (GHz)
S21
-40C
85C
|S12| over Temperature
-30
-25
-20
-15
-10
-5
0
1.93
1.94
1.95
1.96
1.97
1.98
1.99
Frequency (GHz)
S12
-40C
85C
|S22| over Temperature
-30
-25
-20
-15
-10
-5
0
1.93
1.94
1.95
1.96
1.97
1.98
1.99
Frequency (GHz)
S22
-40C
85C


Similar Part No. - SPB-2026Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPB-2.5-250N-S ETC2-SPB-2.5-250N-S Datasheet
232Kb / 8P
   Crimping tools and machines
SPB-2.5-250N-S ETC2-SPB-2.5-250N-S Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
Gamewell-FCI by Honeywe...
SPB-24 GAMEWELL-FCI-SPB-24 Datasheet
72Kb / 2P
   Complete system includes emitter and receiver
logo
Optoway Technology Inc
SPB-2810BLG OPTOWAY-SPB-2810BLG Datasheet
168Kb / 5P
   1270 nm TX / 1330 nm RX , 10.3 Gbps 1-Fiber SM LC SFP Transceiver
SPB-2810BLWG OPTOWAY-SPB-2810BLWG Datasheet
169Kb / 5P
   1270 nm TX / 1330 nm RX , 10.3 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
More results

Similar Description - SPB-2026Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
SPA-1526Z RFMD-SPA-1526Z Datasheet
374Kb / 14P
   0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER
SPA-1426Z RFMD-SPA-1426Z Datasheet
517Kb / 14P
   0.7GHz to 2.2GHz 1W InGaP HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
logo
RF Micro Devices
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
   2W High Linearity InGaP HBT Amplifier
logo
SIRENZA MICRODEVICES
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
logo
Hittite Microwave Corpo...
HMC457QS16G HITTITE-HMC457QS16G Datasheet
355Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com