Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-2026Z Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # SPB-2026Z
Description  1.7-2.2GHz 2W InGaP Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SPB-2026Z Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  SPB-2026Z Datasheet HTML 1Page - SIRENZA MICRODEVICES SPB-2026Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SPB-2026Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SPB-2026Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SPB-2026Z Datasheet HTML 5Page - SIRENZA MICRODEVICES SPB-2026Z Datasheet HTML 6Page - SIRENZA MICRODEVICES SPB-2026Z Datasheet HTML 7Page - SIRENZA MICRODEVICES SPB-2026Z Datasheet HTML 8Page - SIRENZA MICRODEVICES SPB-2026Z Datasheet HTML 9Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary
Product Description
Broomfield, CO 80021
1
EDS-105436 Rev D
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of this
information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or
granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2006 Sirenza Microdevices, Inc.. All worldwide rights
reserved.
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
SPB-2026Z
1.7-2.2GHz 2W InGaP Amplifier
SOF-26 Package
Product Features
P1dB = 33.8dBm @ 5V, 1960 MHz
ACP = -45dBc with 25 dBm Ch. Pwr. @ 1960 MHz
On-chip Input Power Detector
Low Thermal Resistance Package
Power up/down control < 1
μs
Robust Class 1C ESD
Applications
Macro/Micro-Cell driver stage
Pico-Cell output stage
GSM, CDMA, TDSCDMA, WCDMA
Single and Multi-Carrier applications
Sirenza Microdevices’ SPB-2026Z is a high linearity single-stage class
AB Heterojunction Bipolar Transistor (HBT) amplifier housed in a
surface-mountable plastic encapsulated package. This HBT amplifier is
made with InGaP on GaAs device technology and fabricated with
MOCVD for an ideal combination of low cost and high reliability.
This product is well suited for use as a driver stage in macro/micro-cell
infrastructure equipment or as the final output stage in pico-cell
infrastructure equipment. It can run from a 3V to 6V supply. It is pre-
matched to ~5 ohms on the input for broadband performance and ease of
matching at the board level. It features an input power detector, on/off
power control, ESD protection, excellent overall robustness and a hand
reworkable and thermally enhanced SOF-26 package. This product is
RoHS and WEEE compliant.
Pb
RoHS Compliant
&
Package
Green
Functional Block Diagram
Ac tiv e
Bias
RFIN
RFOUT
Pow er
Detec tor
Vbias = 5V
Pow er
Up/Dow n
Control
V cc = 5V
SZ P-2026
SPB-2026
Symbol
Parameters
Units
Frequency
Min.
Typ.
Max.
1842 MHz
13.6
1960 MHz
12.2
13.7
15.2
2140 MHz
12.1
13.6
15.1
1842 MHz
33.9
1960 MHz
33.8
2140 MHz
31.3
32.8
1842 MHz
-49
1960 MHz
-42
-45
2140 MHz
-48
-55dBc ACP
23
-45dBc ACP
25
-55dBc ACP
23
-45dBc ACP
25
-55dBc ACP
22
-45dBc ACP
25
S11
dB
1960 MHz
16
21
S22
dB
1960 MHz
8
12
NF
dB
1960 MHz
5.2
6.2
Vdet Range
V
0.85 to 1.4
ICQ
mA
395
445
485
IVPC
mA
2.1
Ileak
μA
10
RTH, j-l
°C/W
12
Power Up Control Current (Vpc = 5V)
WCDMA Channel Power tested
with 64 Channels FWD
S21
dB
Output Return Loss
Noise Figure
Third Order Suppression
_
22 dBm per tone, 1MHz spacing
Channel
Power
Small Signal Gain
dBm
Voltage Range for CW Pout=13dBm to 33dBm
Quiescent Current (Vcc = 5V)
1842MHz
Test Conditions:
Vcc = 5V
ICQ = 445mA Typ.
TL = 25°C
ZS = ZL = 50 Ohms
1960MHz
2140MHz
dBm
dBm
Vcc Leakage Current (Vcc = 5V, Vpc = 0V)
Thermal Resistance (junction - lead)
P1dB
IM3
Input Return Loss
dBm
dBc
Output Power at 1 dB Compression


Similar Part No. - SPB-2026Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPB-2.5-250N-S ETC2-SPB-2.5-250N-S Datasheet
232Kb / 8P
   Crimping tools and machines
SPB-2.5-250N-S ETC2-SPB-2.5-250N-S Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
Gamewell-FCI by Honeywe...
SPB-24 GAMEWELL-FCI-SPB-24 Datasheet
72Kb / 2P
   Complete system includes emitter and receiver
logo
Optoway Technology Inc
SPB-2810BLG OPTOWAY-SPB-2810BLG Datasheet
168Kb / 5P
   1270 nm TX / 1330 nm RX , 10.3 Gbps 1-Fiber SM LC SFP Transceiver
SPB-2810BLWG OPTOWAY-SPB-2810BLWG Datasheet
169Kb / 5P
   1270 nm TX / 1330 nm RX , 10.3 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
More results

Similar Description - SPB-2026Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
SPA-1526Z RFMD-SPA-1526Z Datasheet
374Kb / 14P
   0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER
SPA-1426Z RFMD-SPA-1426Z Datasheet
517Kb / 14P
   0.7GHz to 2.2GHz 1W InGaP HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
logo
RF Micro Devices
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
   2W High Linearity InGaP HBT Amplifier
logo
SIRENZA MICRODEVICES
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
logo
Hittite Microwave Corpo...
HMC457QS16G HITTITE-HMC457QS16G Datasheet
355Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com