Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-3018 Datasheet(PDF) 6 Page - SIRENZA MICRODEVICES

Part # SPB-3018
Description  800 - 2400 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SPB-3018 Datasheet(HTML) 6 Page - SIRENZA MICRODEVICES

  SPB-3018 Datasheet HTML 1Page - SIRENZA MICRODEVICES SPB-3018 Datasheet HTML 2Page - SIRENZA MICRODEVICES SPB-3018 Datasheet HTML 3Page - SIRENZA MICRODEVICES SPB-3018 Datasheet HTML 4Page - SIRENZA MICRODEVICES SPB-3018 Datasheet HTML 5Page - SIRENZA MICRODEVICES SPB-3018 Datasheet HTML 6Page - SIRENZA MICRODEVICES SPB-3018 Datasheet HTML 7Page - SIRENZA MICRODEVICES SPB-3018 Datasheet HTML 8Page - SIRENZA MICRODEVICES SPB-3018 Datasheet HTML 9Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Broomfield, CO 80021
6
EDS-103980 Rev A
SPB-3018 800-2400 MHz Cascadable MMIC Amplifier
Preliminary
303 S. Technology Ct.
Phone: (800) SMI-MMIC
http://www.sirenza.com
Ζ=50Ω, 13.1°
Ζ=50Ω, 12.1°
Ζ=50Ω, 11.6°
4.3ΚΩ
300Ω
Ζ=50Ω, 9°
Note: Electrical lengths are determined from
the center of a shunt component and a cut on
the center trace
Evaluation Board Layout for 1960 MHz
Application Schematic for 1960 MHz
Bill of Materials:
C1
15pF 0603 Capacitor
C2
2.2pF 0603 Capacitor
C3
22pF 0603 Capacitor
C4
1000pF 0603 capacitor
C5
10uF Tantalum capacitor
C6,C7 0.1uF 0603 capacitor
C8
2.7pF 0603 capacitor
C9,10 2.2pF 0603 capacitor
R1
300
0603 res (5%)
R2
4.3K
0603 res (5%)
R3
1.3k
0603 res (5%)
L1
20nH Coilcraft 0805HQ-20NX Inductor
Connectors 2x 142-0751-821 Johnson Comp.
Heat sink EEF-101407
PCB
ECB-101161 Rev. C


Similar Part No. - SPB-3018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPB-3018 ETC1-SPB-3018 Datasheet
205Kb / 9P
   400 - 2500 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
SPB-3018Z ETC1-SPB-3018Z Datasheet
205Kb / 9P
   400 - 2500 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
More results

Similar Description - SPB-3018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPB-3018 ETC1-SPB-3018 Datasheet
205Kb / 9P
   400 - 2500 MHz 1W Medium Power Active Bias InGaP/GaAs HBT Amplifier
logo
RF Micro Devices
SXA-389-Z RFMD-SXA-389-Z Datasheet
618Kb / 10P
   MEDIUM POWER GaAs HBT AMPLIFIER WITH ACTIVE BIAS
logo
SIRENZA MICRODEVICES
SXB-4089 SIRENZA-SXB-4089 Datasheet
178Kb / 8P
   400-2500 MHz 1/4 W Medium Power InGaP/GaAs HBT Amplifier with Active Bias
logo
List of Unclassifed Man...
SXB-4089 ETC1-SXB-4089 Datasheet
184Kb / 8P
   400-2500 MHz 1/2 W Medium Power InGaP/GaAs HBT Amplifier with Active Bias
logo
SIRENZA MICRODEVICES
SBB-2089 SIRENZA-SBB-2089 Datasheet
737Kb / 6P
   50 - 850 MHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBB-2089 ETC1-SBB-2089 Datasheet
736Kb / 6P
   50 - 850 MHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
logo
Analog Devices
HMC740ST89E AD-HMC740ST89E Datasheet
842Kb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER
HMC741ST89E AD-HMC741ST89E Datasheet
850Kb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SXB-2089Z SIRENZA-SXB-2089Z Datasheet
163Kb / 7P
   5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
logo
List of Unclassifed Man...
SXB-2089 ETC1-SXB-2089 Datasheet
167Kb / 7P
   5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com