Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA1-4741-2 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA1-4741-2
Description  Quad, 3.5MHz, Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA1-4741-2 Datasheet(HTML) 5 Page - Intersil Corporation

  HA1-4741-2 Datasheet HTML 1Page - Intersil Corporation HA1-4741-2 Datasheet HTML 2Page - Intersil Corporation HA1-4741-2 Datasheet HTML 3Page - Intersil Corporation HA1-4741-2 Datasheet HTML 4Page - Intersil Corporation HA1-4741-2 Datasheet HTML 5Page - Intersil Corporation HA1-4741-2 Datasheet HTML 6Page - Intersil Corporation HA1-4741-2 Datasheet HTML 7Page - Intersil Corporation HA1-4741-2 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FIGURE 8. INPUT NOISE vs FREQUENCY
FIGURE 9. SMALL SIGNAL BANDWIDTH AND PHASE
MARGIN vs LOAD CAPACITANCE
FIGURE 10. MAXIMUM OUTPUT VOLTAGE SWING vs LOAD
RESISTANCE
FIGURE 11. INPUT BIAS AND OFFSET CURRENT vs
TEMPERATURE
FIGURE 12. POWER CONSUMPTION vs TEMPERATURE
Typical Performance Curves VSUPPLY = ±15V, TA = 25°C, Unless Otherwise Specified (Continued)
VOLTAGE NOISE
CURRENT NOISE
35
30
25
15
5
0
10
100
1K
10K
100K
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
FREQUENCY (Hz)
20
10
LOAD CAPACITANCE (pF)
70
60
50
40
30
20
10
0
10
100
1000
10,000
100,000
0
1
2
3
4
5
6
7
RL = 2K
LOAD RESISTANCE (
Ω)
30
25
20
15
10
5
0
100
1K
10K
100K
TEMPERATURE (°C)
100
80
60
40
20
0
-50
-25
0
25
50
75
100
125
BIAS CURRENT
OFFSET CURRENT
VS = ±15
VS = ±10
VS = ±5
TEMPERATURE (°C)
200
160
120
80
40
0
-50
-25
0
25
50
75
100
125
HA-4741


Similar Part No. - HA1-4741-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA1-4741-2 INTERSIL-HA1-4741-2 Datasheet
62Kb / 6P
   Quad, 3.5MHz, Operational Amplifier
September 1998
logo
Renesas Technology Corp
HA1-4741-2 RENESAS-HA1-4741-2 Datasheet
361Kb / 8P
   Quad, 3.5MHz, Operational Amplifier
July 2004
More results

Similar Description - HA1-4741-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-4741 RENESAS-HA-4741 Datasheet
361Kb / 8P
   Quad, 3.5MHz, Operational Amplifier
July 2004
logo
Intersil Corporation
HA-4741 INTERSIL-HA-4741 Datasheet
62Kb / 6P
   Quad, 3.5MHz, Operational Amplifier
September 1998
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com