Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8175ABPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8175ABPZ
Description  Video Crosspoint Switch
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8175ABPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8175ABPZ Datasheet HTML 3Page - Analog Devices AD8175ABPZ Datasheet HTML 4Page - Analog Devices AD8175ABPZ Datasheet HTML 5Page - Analog Devices AD8175ABPZ Datasheet HTML 6Page - Analog Devices AD8175ABPZ Datasheet HTML 7Page - Analog Devices AD8175ABPZ Datasheet HTML 8Page - Analog Devices AD8175ABPZ Datasheet HTML 9Page - Analog Devices AD8175ABPZ Datasheet HTML 10Page - Analog Devices AD8175ABPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
AD8175
Rev. 0 | Page 7 of 40
ABSOLUTE MAXIMUM RATINGS
Table 12.
Parameter
Rating
Analog Supply Voltage (VPOS – VNEG)
+6 V
Digital Supply Voltage (VDD – DGND)
+6 V
Ground Potential Difference
(VNEG – DGND)
+0.5 V to −2.5 V
Maximum Potential Difference
(VDD – VNEG)
+8 V
Common-Mode Analog Input Voltage
(VNEG – 0.5 V)
to (VPOS + 0.5 V)
Differential Analog Input Voltage
±2 V
Digital Input Voltage
VDD
Output Voltage
(Disabled Analog Output)
(VPOS – 1 V) to (VNEG + 1 V)
Output Short-Circuit Duration
Momentary
Storage Temperature
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature (Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 13. Thermal Resistance
Package Type
θJA
Unit
PBGA
15
°C/W
POWER DISSIPATION
The AD8175 is operated with ±2.5 V or +5 V supplies and can
drive loads down to 100 Ω, resulting in a large range of possible
power dissipations. For this reason, extra care must be taken
derating the operating conditions based on ambient temperature.
Packaged in a 676-lead BGA, the AD8175 junction-to-ambient
thermal impedance (θJA) is 15°C/W. For long-term reliability,
the maximum allowed junction temperature of the die should
not exceed 150°C. Temporarily exceeding this limit may cause a
shift in parametric performance due to a change in stresses
exerted on the die by the package. Exceeding a junction
temperature of 175°C for an extended period can result in
device failure. The following curve shows the range of allowed
internal die power dissipations that meet these conditions over
the −40°C to +85°C ambient temperature range. When using
Table 12, do not include external load power in the Maximum
Power calculation, but do include load current dropped on the
die output transistors.
AMBIENT TEMPERATURE (°C)
3
4
5
6
7
8
9
10
15
25
35
45
55
65
75
85
TJ = 150°C
Figure 4. Maximum Die Power Dissipation vs. Ambient Temperature
ESD CAUTION


Similar Part No. - AD8175ABPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8175 AD-AD8175_15 Datasheet
628Kb / 40P
   Video Crosspoint Switch
REV. B
More results

Similar Description - AD8175ABPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
   Video Crosspoint Switch
AD8175 AD-AD8175_15 Datasheet
628Kb / 40P
   Video Crosspoint Switch
REV. B
AD8116 AD-AD8116_15 Datasheet
993Kb / 29P
   Video Crosspoint Switch
REV. B
AD8177 AD-AD8177_15 Datasheet
851Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8178 AD-AD8178_15 Datasheet
826Kb / 40P
   Video Crosspoint Switch
REV. 0
logo
National Semiconductor ...
LMH6586 NSC-LMH6586 Datasheet
753Kb / 24P
   32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586 TI1-LMH6586_14 Datasheet
740Kb / 29P
[Old version datasheet]   32x16 Video Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com