Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-5033 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA-5033
Description  250MHz Video Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5033 Datasheet(HTML) 5 Page - Intersil Corporation

  HA-5033_06 Datasheet HTML 1Page - Intersil Corporation HA-5033_06 Datasheet HTML 2Page - Intersil Corporation HA-5033_06 Datasheet HTML 3Page - Intersil Corporation HA-5033_06 Datasheet HTML 4Page - Intersil Corporation HA-5033_06 Datasheet HTML 5Page - Intersil Corporation HA-5033_06 Datasheet HTML 6Page - Intersil Corporation HA-5033_06 Datasheet HTML 7Page - Intersil Corporation HA-5033_06 Datasheet HTML 8Page - Intersil Corporation HA-5033_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN2924.8
Application Information
Layout Considerations
The wide bandwidth of the HA-5033 necessitates that high
frequency circuit layout procedures be followed. Failure to
follow these guidelines can result in marginal performance.
Probably the most crucial of the RF/video layout rules is the
use of a ground plane. A ground plane provides isolation and
minimizes distributed circuit capacitance and inductance
which will degrade high frequency performance. IC sockets
contribute inter-lead capacitance which limits device
bandwidth and should be avoided.
Pin 6 can be tied to either supply, grounded, or simply not used.
But to optimize device performance and improve isolation, it is
recommended that this pin be grounded.
Other considerations are proper power supply bypassing
and keeping the input and output connections as short as
possible which minimizes distributed capacitance and
reduces board space.
Power Supply Decoupling
For optimum device performance, it is recommended that
the positive and negative power supplies be bypassed with
capacitors to ground. Ceramic capacitors ranging in value
from 0.01
µF to 0.1µF will minimize high frequency variations
in supply voltage. Solid tantalum capacitors 1
µF or larger will
optimize low frequency performance.
It is also recommended that the bypass capacitors be
connected close to the HA-5033 (preferably directly to the
supply pins).
Figure 5 is based on:
Where: TJMAX = Maximum Junction Temperature of the Device
TA = Ambient Temperature
θJA = Junction to Ambient Thermal Resistance
P
DMAX
T
JMAX
T
A
θ
JA
-------------------------------
=
QUIESCENT PD = 0.72W
AT VS = ±12V, ICC = 30mA
0.6
0.4
0.2
0
25
45
65
85
105
125
TEMPERATURE (°C)
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
FIGURE 5. MAXIMUM POWER DISSIPATION vs
TEMPERATURE
CAN
PDIP
Typical Applications (Also see Application Note AN548)
FIGURE 6. VIDEO COAXIAL LINE DRIVER 50
Ω SYSTEM
FIGURE 7. VIDEO GAIN BLOCK
RL
RG -58
50
RM
RS
-12V
+12V
VIN
5
12
10
0.1
µF
0.1
µF
11
50
75
VIDEO
75
OUTPUT
HA-5033
900
V-
V+
HA-2539
V-
V+
100
15
60
R2
R1
VIDEO
SIGNAL
INPUT
+
-
HA-5033


Similar Part No. - HA-5033_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033 Datasheet
235Kb / 9P
   250MHz Video Buffer
September 1998
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
   250MHz Video Buffer
More results

Similar Description - HA-5033_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
   250MHz Video Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033 Datasheet
235Kb / 9P
   250MHz Video Buffer
September 1998
logo
Maxim Integrated Produc...
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
MAX4158 MAXIM-MAX4158 Datasheet
230Kb / 16P
   350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
Rev 2; 3/01
MAX4102 MAXIM-MAX4102 Datasheet
144Kb / 12P
   250MHz, Broadcast-Quality, Low-Power Video Op Amps
19-0471; Rev 0; 2/96
logo
Pericom Semiconductor C...
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
   1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
   1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
   1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
   Wideband Video Buffer
logo
Integrated Device Techn...
ICS87004I-03 IDT-ICS87004I-03 Datasheet
254Kb / 12P
   LVCMOS/LVTTL FANOUT BUFFER/DIVIDER Maximum output frequency: 250MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com