Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-5102 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA-5102
Description  Dual and Quad, 8MHz, Low Noise Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5102 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HA-5102_04 Datasheet HTML 3Page - Intersil Corporation HA-5102_04 Datasheet HTML 4Page - Intersil Corporation HA-5102_04 Datasheet HTML 5Page - Intersil Corporation HA-5102_04 Datasheet HTML 6Page - Intersil Corporation HA-5102_04 Datasheet HTML 7Page - Intersil Corporation HA-5102_04 Datasheet HTML 8Page - Intersil Corporation HA-5102_04 Datasheet HTML 9Page - Intersil Corporation HA-5102_04 Datasheet HTML 10Page - Intersil Corporation HA-5102_04 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN2925.9
FIGURE 12. ICC vs TEMPERATURE (HA-5104)
FIGURE 13. ICC vs VS (HA-5102)
FIGURE 14. AVOL vs TEMPERATURE
FIGURE 15. AVOL vs LOAD RESISTANCE
FIGURE 16. AVOL vs VS
FIGURE 17. VOUT vs VS
Typical Performance Curves (Continued)
TEMPERATURE (oC)
-60
20
120
100
80
60
40
0
-20
-40
0
1
2
3
4
5
VS = ±15V, IOUT = 0
0
2
3
4
5
SUPPLY VOLTAGE (
±V)
08
18
16
14
12
10
6
4
2
1
TA = 25
oC, I
OUT = 0
VS = ±15V, ∆VO = ±10V, RL = 2kΩ
TEMPERATURE (oC)
-60
20
120
100
80
60
40
0
-20
-40
0
1
2
3
4
5
LOAD RESISTANCE (
Ω)
1K
10K
8K
6K
4K
2K
2.0
3.0
4.0
5.0
5.5
VO = ±10V, VS = ±15V
-55oC
125oC
25oC
TA = 25
oC, R
L = 2kΩ
SUPPLY VOLTAGE (
±V)
08
18
16
14
12
10
6
4
2
290
280
270
260
250
240
230
220
210
200
190
180
170
160
150
140
130
TA = 25
oC, R
L = 2kΩ
SUPPLY VOLTAGE (
±V)
08
18
16
14
12
10
6
4
2
13
12
11
10
9
8
7
6
5
4
3
2
1
0
HA-5102, HA-5104


Similar Part No. - HA-5102_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5102/883 INTERSIL-HA-5102/883 Datasheet
553Kb / 5P
   Dual, Low Noise, High Performance Operational Amplifier
HA-5102883 INTERSIL-HA-5102883 Datasheet
553Kb / 5P
   Dual, Low Noise, High Performance Operational Amplifier
More results

Similar Description - HA-5102_04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com