Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA3-5033-5 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA3-5033-5
Description  250MHz Video Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA3-5033-5 Datasheet(HTML) 4 Page - Intersil Corporation

  HA3-5033-5 Datasheet HTML 1Page - Intersil Corporation HA3-5033-5 Datasheet HTML 2Page - Intersil Corporation HA3-5033-5 Datasheet HTML 3Page - Intersil Corporation HA3-5033-5 Datasheet HTML 4Page - Intersil Corporation HA3-5033-5 Datasheet HTML 5Page - Intersil Corporation HA3-5033-5 Datasheet HTML 6Page - Intersil Corporation HA3-5033-5 Datasheet HTML 7Page - Intersil Corporation HA3-5033-5 Datasheet HTML 8Page - Intersil Corporation HA3-5033-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN2924.8
Schematic Diagram
+10V RESPONSE
+10V RESPONSE
TA = 25°C, RS = 50Ω, RL = 100Ω
PULSE RESPONSE
Test Circuits and Waveforms (Continued)
VOUT
VIN
0V
0V
TA = 25°C, RS = 50Ω, RL = 100Ω
VOUT
VIN
0V
0V
TA = 25°C, RS = 50Ω, RL = 1kΩ
VOUT
VIN
0V
0V
500mV
500mV
R4
Q15
Q16
Q19
R6
Q17
V+
Q18
R3
Q13
Q14
Q12
Q11
Q3
Q5
VIN
R5
V-
R8
Q4
R9
Q6
R2
Q10
Q7
Q8
R1
R13
Q9
Q2
R10
R11
Q1
R12
VOUT
HA-5033


Similar Part No. - HA3-5033-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA3-5033-5 INTERSIL-HA3-5033-5 Datasheet
235Kb / 9P
   250MHz Video Buffer
September 1998
logo
Renesas Technology Corp
HA3-5033-5 RENESAS-HA3-5033-5 Datasheet
701Kb / 12P
   250MHz Video Buffer
More results

Similar Description - HA3-5033-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
   250MHz Video Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033 Datasheet
235Kb / 9P
   250MHz Video Buffer
September 1998
logo
Maxim Integrated Produc...
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
MAX4158 MAXIM-MAX4158 Datasheet
230Kb / 16P
   350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
Rev 2; 3/01
MAX4102 MAXIM-MAX4102 Datasheet
144Kb / 12P
   250MHz, Broadcast-Quality, Low-Power Video Op Amps
19-0471; Rev 0; 2/96
logo
Pericom Semiconductor C...
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
   1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
PI6C10810 PERICOM-PI6C10810 Datasheet
831Kb / 10P
   1.2V-2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
   1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
   Wideband Video Buffer
logo
Integrated Device Techn...
ICS87004I-03 IDT-ICS87004I-03 Datasheet
254Kb / 12P
   LVCMOS/LVTTL FANOUT BUFFER/DIVIDER Maximum output frequency: 250MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com