Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA7-5102-2 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HA7-5102-2
Description  Dual and Quad, 8MHz, Low Noise Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA7-5102-2 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HA7-5102-2 Datasheet HTML 5Page - Intersil Corporation HA7-5102-2 Datasheet HTML 6Page - Intersil Corporation HA7-5102-2 Datasheet HTML 7Page - Intersil Corporation HA7-5102-2 Datasheet HTML 8Page - Intersil Corporation HA7-5102-2 Datasheet HTML 9Page - Intersil Corporation HA7-5102-2 Datasheet HTML 10Page - Intersil Corporation HA7-5102-2 Datasheet HTML 11Page - Intersil Corporation HA7-5102-2 Datasheet HTML 12Page - Intersil Corporation HA7-5102-2 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN2925.9
Die Characteristics
DIE DIMENSIONS:
95 mils x 99 mils x 19 mils
2420
µm x 2530µm x 483µm
METALLIZATION:
Type: Al, 1% Cu
Thickness: 16k
Å ±2kÅ
PASSIVATION:
Type: Nitride (Si3N4) over Silox (SiO2, 5% Phos.)
Silox Thickness: 12k
Å ±2kÅ
Nitride Thickness: 3.5k
Å ±1.5kÅ
SUBSTRATE POTENTIAL (POWERED UP):
Unbiased
TRANSISTOR COUNT:
175
PROCESS:
Bipolar Dielectric Isolation
Metallization Mask Layout
HA-5104
+IN2
V+
+IN1
-IN1
OUT1
OUT4
-IN4
-IN3
OUT3
OUT2
-IN2
+IN4
V-
+IN3
HA-5102, HA-5104


Similar Part No. - HA7-5102-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA7-5102-2 INTERSIL-HA7-5102-2 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
logo
Renesas Technology Corp
HA7-5102-2 RENESAS-HA7-5102-2 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
More results

Similar Description - HA7-5102-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com