Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50029 Datasheet(PDF) 4 Page - Intersil Corporation

Part # 50029
Description  110MHz, High Slew Rate, High Output Current Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

50029 Datasheet(HTML) 4 Page - Intersil Corporation

  50029 Datasheet HTML 1Page - Intersil Corporation 50029 Datasheet HTML 2Page - Intersil Corporation 50029 Datasheet HTML 3Page - Intersil Corporation 50029 Datasheet HTML 4Page - Intersil Corporation 50029 Datasheet HTML 5Page - Intersil Corporation 50029 Datasheet HTML 6Page - Intersil Corporation 50029 Datasheet HTML 7Page - Intersil Corporation 50029 Datasheet HTML 8Page - Intersil Corporation 50029 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN2921.11
March 8, 2006
Differential Gain
RL = 500Ω
25
-
0.06
-
-
0.06
-
%
Differential Phase
RL = 500Ω
25
-
0.22
-
-
0.22
-
Degrees
POWER REQUIREMENTS
Supply Current
25
-
8.3
-
-
8.3
-
mA
Full
--
10
--
10
mA
Power Supply Rejection Ratio
AV = 10V
Full
54
64
-
54
64
-
dB
NOTE:
3.
.
Electrical Specifications
VSUPPLY = ±12V to ±15V, RS = 50Ω, RL = 1kΩ, CL = 10pF, Unless Otherwise Specified (Continued)
PARAMETER
TEST
CONDITIONS
TEMP
(°C)
HA-5002-2
HA-5002-5, -9
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
FPBW
Slew Rate
2
πVP
EAK
---------------------------;VP =10V
=
Test Circuit and Waveforms
FIGURE 1. LARGE AND SMALL SIGNAL RESPONSE
SMALL SIGNAL WAVEFORMS
SMALL SIGNAL WAVEFORMS
OUT
IN
-15V
+15V
V2+
RS
RL
V1+
V2-
V1-
VOUT
VIN
RS = 50Ω, RL = 100Ω
VOUT
VIN
RS = 50Ω, RL = 1kΩ
HA-5002


Similar Part No. - 50029

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5002 TI1-5002 Datasheet
343Kb / 12P
[Old version datasheet]   TPA2025D1 Audio Power Amplifier Evaluation Module
logo
Keystone Electronics Co...
5002 KEYSTONE-5002 Datasheet
277Kb / 1P
   THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Intersil Corporation
5002 INTERSIL-5002 Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
5002 INTERSIL-5002 Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
5002 INTERSIL-5002 Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
More results

Similar Description - 50029

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2-5002-2 INTERSIL-HA2-5002-2 Datasheet
830Kb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
October 18, 2013
HA-5002 INTERSIL-HA-5002 Datasheet
820Kb / 13P
   110MHz, High Slew Rate, High Output Current Buffer
November 1998
logo
Renesas Technology Corp
HA-5002 RENESAS-HA-5002 Datasheet
1Mb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
logo
Intersil Corporation
HA-5002883 INTERSIL-HA-5002883 Datasheet
46Kb / 6P
   Monolithic, Wideband, High Slew Rate, High Output Current Buffer
HA-5002883 INTERSIL-HA-5002883_06 Datasheet
215Kb / 7P
   Monolithic, Wideband, High Slew Rate, High Output Current Buffer
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-2542 INTERSIL-HA-2542 Datasheet
824Kb / 13P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
October 1999
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
logo
Renesas Technology Corp
HA-2542 RENESAS-HA-2542 Datasheet
1Mb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
August 2002
logo
Intersil Corporation
HA-2842 INTERSIL-HA-2842 Datasheet
275Kb / 13P
   Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com