Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50029Z Datasheet(PDF) 9 Page - Intersil Corporation

Part # 50029Z
Description  110MHz, High Slew Rate, High Output Current Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

50029Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button 50029Z Datasheet HTML 5Page - Intersil Corporation 50029Z Datasheet HTML 6Page - Intersil Corporation 50029Z Datasheet HTML 7Page - Intersil Corporation 50029Z Datasheet HTML 8Page - Intersil Corporation 50029Z Datasheet HTML 9Page - Intersil Corporation 50029Z Datasheet HTML 10Page - Intersil Corporation 50029Z Datasheet HTML 11Page - Intersil Corporation 50029Z Datasheet HTML 12Page - Intersil Corporation 50029Z Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN2921.11
March 8, 2006
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
V1-
TRANSISTOR COUNT:
27
PROCESS:
Bipolar Dielectric Isolation
FIGURE 14. VOUT MAXIMUM vs VSUPPLY
FIGURE 15. PSRR vs FREQUENCY
FIGURE 16. SLEW RATE vs SUPPLY VOLTAGE
FIGURE 17. GAIN ERROR vs INPUT VOLTAGE
Typical Performance Curves (Continued)
15
12
8
5
TA = 25°C
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
TA = -55°C
TA = 125°C,
SUPPLY VOLTAGE (
±V)
RLOAD = 100Ω
10K
100K
1M
10M
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
100M
1500
1400
1300
1200
1100
1000
900
6
8
10
12
14
16
18
SUPPLY VOLTAGE (
±V)
TA = 25°C
VS = ±15V
RL = 600
RL = 1K
150
100
50
0
02
468
10
INPUT VOLTAGE (VOLTS)
-10
-8-6-4-2
-50
-100
-150
RL = 100
HA-5002


Similar Part No. - 50029Z

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5002 TI1-5002 Datasheet
343Kb / 12P
[Old version datasheet]   TPA2025D1 Audio Power Amplifier Evaluation Module
logo
Keystone Electronics Co...
5002 KEYSTONE-5002 Datasheet
277Kb / 1P
   THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Intersil Corporation
5002 INTERSIL-5002 Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
5002 INTERSIL-5002 Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
5002 INTERSIL-5002 Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
More results

Similar Description - 50029Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2-5002-2 INTERSIL-HA2-5002-2 Datasheet
830Kb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
October 18, 2013
HA-5002 INTERSIL-HA-5002 Datasheet
820Kb / 13P
   110MHz, High Slew Rate, High Output Current Buffer
November 1998
logo
Renesas Technology Corp
HA-5002 RENESAS-HA-5002 Datasheet
1Mb / 12P
   110MHz, High Slew Rate, High Output Current Buffer
logo
Intersil Corporation
HA-5002883 INTERSIL-HA-5002883 Datasheet
46Kb / 6P
   Monolithic, Wideband, High Slew Rate, High Output Current Buffer
HA-5002883 INTERSIL-HA-5002883_06 Datasheet
215Kb / 7P
   Monolithic, Wideband, High Slew Rate, High Output Current Buffer
HA-2529883 INTERSIL-HA-2529883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
HA-2542 INTERSIL-HA-2542 Datasheet
824Kb / 13P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
October 1999
HA-2542 INTERSIL-HA-2542_02 Datasheet
903Kb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
logo
Renesas Technology Corp
HA-2542 RENESAS-HA-2542 Datasheet
1Mb / 12P
   70MHz, High Slew Rate, High Output Current Operational Amplifier
August 2002
logo
Intersil Corporation
HA-2842 INTERSIL-HA-2842 Datasheet
275Kb / 13P
   Wideband, High Slew Rate, High Output Current, Video Operational Amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com