Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962F9582301QXC Datasheet(PDF) 8 Page - Intersil Corporation

Part # 5962F9582301QXC
Description  Radiation Hardened 8K x 8 SOS CMOS Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F9582301QXC Datasheet(HTML) 8 Page - Intersil Corporation

  5962F9582301QXC Datasheet HTML 1Page - Intersil Corporation 5962F9582301QXC Datasheet HTML 2Page - Intersil Corporation 5962F9582301QXC Datasheet HTML 3Page - Intersil Corporation 5962F9582301QXC Datasheet HTML 4Page - Intersil Corporation 5962F9582301QXC Datasheet HTML 5Page - Intersil Corporation 5962F9582301QXC Datasheet HTML 6Page - Intersil Corporation 5962F9582301QXC Datasheet HTML 7Page - Intersil Corporation 5962F9582301QXC Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com
Metallization Topology
DIE DIMENSIONS:
313 mils x 291 mils x 21 mils
±1mil
METALLIZATION:
Type: Al/Si/Cu
Metal 1 Thickness: 7500
Å
±2kÅ
Metal 2 Thickness: 10k
Å
±2kÅ
GLASSIVATION:
Type: SiO2
Thickness: 8k
Å
±1kÅ
WORST CASE CURRENT DENSITY:
1.5 x 105 A/cm2
Metallization Mask Layout
HS-65647RH
VSS
VDD
VDD
VSS
HS-65647RH


Similar Part No. - 5962F9582301QXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9581304QCC INTERSIL-5962F9581304QCC Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
5962F9581304QCC RENESAS-5962F9581304QCC Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
5962F9581304QXC INTERSIL-5962F9581304QXC Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
5962F9581304QXC RENESAS-5962F9581304QXC Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
5962F9581304V9A INTERSIL-5962F9581304V9A Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
More results

Similar Description - 5962F9582301QXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Intersil Corporation
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-81C55RH INTERSIL-HS-81C55RH Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
HS-81C55RH INTERSIL-HS-81C55RH_00 Datasheet
113Kb / 11P
   Radiation Hardened 256 x 8 CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com