Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962F9582301VYC Datasheet(PDF) 6 Page - Intersil Corporation

Part # 5962F9582301VYC
Description  Radiation Hardened 8K x 8 SOS CMOS Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F9582301VYC Datasheet(HTML) 6 Page - Intersil Corporation

  5962F9582301VYC Datasheet HTML 1Page - Intersil Corporation 5962F9582301VYC Datasheet HTML 2Page - Intersil Corporation 5962F9582301VYC Datasheet HTML 3Page - Intersil Corporation 5962F9582301VYC Datasheet HTML 4Page - Intersil Corporation 5962F9582301VYC Datasheet HTML 5Page - Intersil Corporation 5962F9582301VYC Datasheet HTML 6Page - Intersil Corporation 5962F9582301VYC Datasheet HTML 7Page - Intersil Corporation 5962F9582301VYC Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Burn-In Circuits
HS-65647RH 28 LEAD FLATPACK AND CERAMIC DIP
DYNAMIC CONFIGURATION
NOTES:
1. VDD = 5.5V Min.
2. R = 10k
Ω±10%, except R2 = 47kΩ±10%.
3. VIH: VDD
±0.5V, VIL: 0.4V ±0.4V.
4. F0 = 100kHz
±10%, 50% Duty Cycle.
5. F1 = F0/2; F2 = F1/2; F3 = F2/2; . . . F14 = F13/2.
6. F0 = inverted F0.
HS-65647RH 28 LEAD FLATPACK AND CERAMIC DIP
STATIC CONFIGURATION
NOTES:
7. VDD = 5.5V Min.
8. R = 10k
Ω±10%.
HS-65647RH 36 LEAD FLATPACK
DYNAMIC CONFIGURATION
NOTES:
9. VDD = 5.5V Min.
10. R = 10k
Ω±10%, except R2 = 4.7kΩ±10%.
11. VIH: VDD
±0.5V, VIL: 0.4V ±0.4V.
12. F0 = 100kHz
±10%, 50% Duty Cycle.
13. F1 = F0/2; F2 = F1/2; F3 = F2/2; . . . F14 = F13/2.
14. F0 = Inverted F0.
HS-65647RH 36 LEAD FLATPACK
STATIC CONFIGURATION
NOTES:
15. VDD = 5.5V Min.
16. R = 10k
Ω±10%.
VDD
E2
A8
A9
A11
A10
DQ6
DQ7
DQ5
DQ4
DQ3
2
3
4
5
6
7
8
9
10
11
12
13
14
1
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
24
23
22
21
20
19
18
17
16
15
28
27
26
25
VDD
NC
G
W
E1
F13
F8
F7
F6
F5
F4
F3
F2
F1
F14
F14
F14
F0
F9
F10
F12
F0
F11
F14
F14
F14
F14
F14
R2
R2
R2
R2
R2
R2
R2
R2
VDD
E2
A8
A9
A11
A10
DQ6
DQ7
DQ5
DQ4
DQ3
2
3
4
5
6
7
8
9
10
11
12
13
14
1
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
24
23
22
21
20
19
18
17
16
15
28
27
26
25
VDD
NC
NC
NC
NC
NC
NC
NC
NC
NC
G
W
E1
VSS
NC
W
E2
A8
A11
E1
A10
DQ7
DQ6
DQ5
2
3
4
5
6
7
8
9
10
11
12
13
14
1
VSS
VDD
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
32
31
30
29
28
27
26
25
24
23
36
35
34
33
VDD
A9
VDD
G
15
16
17
18
DQ2
NC
VDD
VSS
DQ4
DQ3
VDD
VSS
22
21
20
19
NC
F13
F8
F7
F6
F5
F4
F3
F2
F1
F14
F14
F14
NC
R2
R2
R2
NC
F0
F9
F10
F12
F0
F11
F14
F14
F14
F14
F14
R2
R2
R2
R2
R2
VSS
NC
W
E2
A8
A11
E1
A10
DQ7
DQ6
DQ5
2
3
4
5
6
7
8
9
10
11
12
13
14
1
VSS
VDD
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
32
31
30
29
28
27
26
25
24
23
36
35
34
33
VDD
A9
VDD
G
15
16
17
18
DQ2
NC
VDD
VSS
DQ4
DQ3
VDD
VSS
22
21
20
19
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
HS-65647RH


Similar Part No. - 5962F9582301VYC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9581304QCC INTERSIL-5962F9581304QCC Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
5962F9581304QCC RENESAS-5962F9581304QCC Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
5962F9581304QXC INTERSIL-5962F9581304QXC Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
5962F9581304QXC RENESAS-5962F9581304QXC Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
logo
Intersil Corporation
5962F9581304V9A INTERSIL-5962F9581304V9A Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
More results

Similar Description - 5962F9582301VYC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Intersil Corporation
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-81C55RH INTERSIL-HS-81C55RH Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
HS-81C55RH INTERSIL-HS-81C55RH_00 Datasheet
113Kb / 11P
   Radiation Hardened 256 x 8 CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com