Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS1-65647RH-8 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HS1-65647RH-8
Description  Radiation Hardened 8K x 8 SOS CMOS Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS1-65647RH-8 Datasheet(HTML) 5 Page - Intersil Corporation

  HS1-65647RH-8 Datasheet HTML 1Page - Intersil Corporation HS1-65647RH-8 Datasheet HTML 2Page - Intersil Corporation HS1-65647RH-8 Datasheet HTML 3Page - Intersil Corporation HS1-65647RH-8 Datasheet HTML 4Page - Intersil Corporation HS1-65647RH-8 Datasheet HTML 5Page - Intersil Corporation HS1-65647RH-8 Datasheet HTML 6Page - Intersil Corporation HS1-65647RH-8 Datasheet HTML 7Page - Intersil Corporation HS1-65647RH-8 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Typical Performance Curves TA = 25oC, Unless Otherwise Specified
FIGURE 6.
FIGURE 7.
FIGURE 8.
FIGURE 9.
FIGURE 10.
FIGURE 11.
0
200
400
600
800
1000
1200
1400
TOTAL DOSE (KRAD)
13
12
11
10
9
8
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
0.1
0.1
10
100
ANNEAL TIME (HOURS)
10
9
8
7
6
5
4
3
2
1
0
-60
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (oC)
100
90
80
70
60
50
40
30
20
10
0
-60
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (oC)
-60
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (oC)
120
110
100
90
80
70
60
50
40
30
20
106
102
98
94
90
86
82
78
74
70
66
62
58
0
1234
56
7
8
9
10
FREQUENCY (MHz)
HS-65647RH


Similar Part No. - HS1-65647RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-65647RH-8 INTERSIL-HS1-65647RH-8 Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
More results

Similar Description - HS1-65647RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
logo
Winbond
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Intersil Corporation
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-81C55RH INTERSIL-HS-81C55RH Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
HS-81C55RH INTERSIL-HS-81C55RH_00 Datasheet
113Kb / 11P
   Radiation Hardened 256 x 8 CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
logo
Renesas Technology Corp
HM-65642 RENESAS-HM-65642 Datasheet
430Kb / 8P
   8K x 8 Asynchronous CMOS Static RAM
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com