Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5800 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HI5800
Description  12-Bit, 3MSPS, Sampling A/D Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5800 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HI5800_00 Datasheet HTML 4Page - Intersil Corporation HI5800_00 Datasheet HTML 5Page - Intersil Corporation HI5800_00 Datasheet HTML 6Page - Intersil Corporation HI5800_00 Datasheet HTML 7Page - Intersil Corporation HI5800_00 Datasheet HTML 8Page - Intersil Corporation HI5800_00 Datasheet HTML 9Page - Intersil Corporation HI5800_00 Datasheet HTML 10Page - Intersil Corporation HI5800_00 Datasheet HTML 11Page - Intersil Corporation HI5800_00 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
4-8
FIGURE 12. FFT SPECTRAL PLOT FOR fIN = 20kHz, fS = 3MHz
FIGURE 13. FFT SPECTRAL PLOT FOR fIN = 1MHz, fS = 3MHz
FIGURE 14. FFT SPECTRAL PLOT FOR fIN = 2MHz, fS = 3MHz
FIGURE 15. INTERMODULATION DISTORTION PLOT FOR
fIN = 49kHz, 50kHz at fS = 3MHz
Typical Performance Curves (Continued)
10
0
-25
-50
-75
-100
-125
-135
0
365K
730K
1.095M
1.46M
FREQUENCY (Hz)
10
0
-25
-50
-75
-100
-125
-135
0
365K
730K
1.095M
1.46M
FREQUENCY (Hz)
10
0
-25
-50
-75
-100
-125
-135
0
365K
730K
1.095M
1.46M
FREQUENCY (Hz)
10
0
-25
-50
-75
-100
-125
-135
0
18.3K
36.6K
49K
50K
55K
73.3K
91.6K
110K
FREQUENCY (Hz)
Pin Descriptions
PIN #
SYMBOL
PIN DESCRIPTION
1REFIN
External Reference Input.
2ROADJ
DAC Offset Adjust (Connect to AGND If Not Used).
3RGADJ
DAC Gain Adjust (Connect to AGND If Not Used).
4AVCC
Analog Positive Power Supply, +5V.
5REFOUT Internal Reference Output, +2.5V.
-
NC
No Connection.
6VIN
Analog Input Voltage.
7
AGND
Analog Ground.
8
ADJ+
Sample/Hold Offset Adjust (Connect to AGND If Not Used).
9
ADJ-
Sample/Hold Offset Adjust (Connect to AGND If Not Used).
HI5800


Similar Part No. - HI5800_00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5800-EV INTERSIL-HI5800-EV Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
HI5800BID INTERSIL-HI5800BID Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
HI5800JCD INTERSIL-HI5800JCD Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
HI5800KCD INTERSIL-HI5800KCD Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
More results

Similar Description - HI5800_00

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1412 LINER-LTC1412 Datasheet
499Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
LTC1272 LINER-LTC1272 Datasheet
340Kb / 20P
   12-Bit, 3us, 250kHz Sampling A/D Converter
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
National Semiconductor ...
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
   12-Bit Plus Sign Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com