Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5800KCD Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI5800KCD
Description  12-Bit, 3MSPS, Sampling A/D Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5800KCD Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI5800KCD Datasheet HTML 2Page - Intersil Corporation HI5800KCD Datasheet HTML 3Page - Intersil Corporation HI5800KCD Datasheet HTML 4Page - Intersil Corporation HI5800KCD Datasheet HTML 5Page - Intersil Corporation HI5800KCD Datasheet HTML 6Page - Intersil Corporation HI5800KCD Datasheet HTML 7Page - Intersil Corporation HI5800KCD Datasheet HTML 8Page - Intersil Corporation HI5800KCD Datasheet HTML 9Page - Intersil Corporation HI5800KCD Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
4-6
FIGURE 2A. START CONVERSION SETUP TIME
FIGURE 2B. OUTPUT ENABLE SETUP TIME
FIGURE 3. CONTINUOUS CONVERSION TIMING
Timing Diagrams (Continued)
t2
t3
CS
t1
CONV
t5
t6
CS
t4
OE
ACQUIRE N + 1
ACQUIRE N
IRQ
t8
t10
t7
N - 1 DATA
N + 1 DATA
N DATA
DATA VALID
D11 - D4
D11 - D4
D11 - D4
D3 - D0, 0000
t9
t11
t14
t13
t12
OE
AO
CONV
CS
D0 - D11, OVF
D4 - D11
N CONVERSION
N+1 CONVERSION
N + 1 DATA
N DATA
Typical Performance Curves
FIGURE 4. TYPICAL SNR vs INPUT FREQUENCY
FIGURE 5. TYPICAL THD vs INPUT FREQUENCY
80
70
60
50
40
30
20
10
0
20K
200K
2M
INPUT FREQUENCY (Hz)
90
80
70
60
50
40
30
20
10
0
20K
200K
2M
INPUT FREQUENCY (Hz)
HI5800


Similar Part No. - HI5800KCD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5800KCD INTERSIL-HI5800KCD Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
More results

Similar Description - HI5800KCD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1412 LINER-LTC1412 Datasheet
499Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
LTC1272 LINER-LTC1272 Datasheet
340Kb / 20P
   12-Bit, 3us, 250kHz Sampling A/D Converter
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
National Semiconductor ...
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
   12-Bit Plus Sign Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com